Electronic Components Datasheet Search
  English  ▼

X  

83918 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 83918
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83918 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 83918 Datasheet HTML 3Page - Integrated Device Technology 83918 Datasheet HTML 4Page - Integrated Device Technology 83918 Datasheet HTML 5Page - Integrated Device Technology 83918 Datasheet HTML 6Page - Integrated Device Technology 83918 Datasheet HTML 7Page - Integrated Device Technology 83918 Datasheet HTML 8Page - Integrated Device Technology 83918 Datasheet HTML 9Page - Integrated Device Technology 83918 Datasheet HTML 10Page - Integrated Device Technology 83918 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
83918 Data Sheet
Table 5D. AC Characteristics, VDD = VDDO = 2.5V±5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
All parameters measured at fOUT unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Refer to the Phase Noise Plot following this section.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: Defined as the skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Table 5E. AC Characteristics, VDD = 2.5V±5%,VDDO = 1.8V±0.2V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
All parameters measured at fOUT unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Refer to the Phase Noise Plot following this section.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: Defined as the skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2.
NOTE 5: These parameters are guaranteed by characterization. Not tested in production.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
200
MHz
tpLH
Propagation Delay, Low to High;
NOTE 1
23
ns
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 2
25MHz,
Integration Range: 1kHz to 1MHz
0.478
ps
tjit
Additive Phase Jitter, RMS; refer
to Additive Phase Jitter Section
155.52MHz,
Integration Range: 12kHz to 20MHz
0.157
ps
tsk(o)
Output Skew; NOTE 3, 6
75
ps
tsk(pp)
Part-to-Part Skew; NOTE 4, 6
1ns
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
300
700
ps
odc
Output Duty Cycle
ƒOUT  150MHz
45
55
%
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
200
MHz
tpLH
Propagation Delay, Low to High;
NOTE 1
1.75
3.85
ns
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 2
25MHz,
Integration Range: 1kHz to 1MHz
0.591
ps
tjit
Additive Phase Jitter, RMS; refer
to Additive Phase Jitter Section
155.52MHz,
Integration Range: 12kHz to 20MHz
0.175
ps
tsk(o)
Output Skew; NOTE 3, 6
75
ps
tsk(pp)
Part-to-Part Skew; NOTE 4, 6
1.15
ns
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
800
ps
odc
Output Duty Cycle
ƒOUT  150MHz
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com