Electronic Components Datasheet Search
  English  ▼

X  

83918 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 83918
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83918 Datasheet(HTML) 1 Page - Integrated Device Technology

  83918 Datasheet HTML 1Page - Integrated Device Technology 83918 Datasheet HTML 2Page - Integrated Device Technology 83918 Datasheet HTML 3Page - Integrated Device Technology 83918 Datasheet HTML 4Page - Integrated Device Technology 83918 Datasheet HTML 5Page - Integrated Device Technology 83918 Datasheet HTML 6Page - Integrated Device Technology 83918 Datasheet HTML 7Page - Integrated Device Technology 83918 Datasheet HTML 8Page - Integrated Device Technology 83918 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
General Description
The 83918 is a low skew, 1:18 Crystal-to- LVCMOS/LVTTL Fanout
Buffer. The 83918 has selectable LVCMOS/LVTTL clock or crystal
inputs. The low impedance LVCMOS/LVTTL outputs are designed to
drive 50
 series or parallel terminated transmission lines.
The 83918 is characterized at full 3.3V, full 2.5V and mixed
3.3V/2.5V, 3.3V/1.8V, and 2.5V/1.8V output operating supply modes.
Guaranteed output and part-to-part skew characteristics make the
83918 ideal for those clock distribution applications demanding well
defined performance and repeatability.
Features
• Eighteen LVCMOS/LVTTL output
• Selectable crystal oscillator interface or LVCMOS_CLK
• Maximum output frequency: 200MHz
• Crystal input frequency range: 10MHz to 40MHz
• RMS phase jitter using a 25MHz crystal (1kHz – 1MHz): 0.449ps
(typical) @ 3.3V/3.3V
• Output skew: 75ps (maximum) @ 3.3V/3.3V
• Operating supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
OSC
0
1
18
Q0:Q17
Pulldown
Pulldown
CLK_SEL
LVCMOS_CLK
XTAL_IN
XTAL_OUT
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDDO
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
XTAL_IN
XTAL_OUT
VDD
VDDO
Pin Assignment
83918
32 Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
Block Diagram
83918
Data Sheet
Low Skew, 1:18
Crystal-to-LVCMOS/LVTTL Fanout Buffer


Similar Part No. - 83918

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
Maximum output frequency
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
83918AYILF RENESAS-83918AYILF Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
83918AYILFT RENESAS-83918AYILFT Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results

Similar Description - 83918

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com