Electronic Components Datasheet Search
  English  ▼

X  

83918 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 83918
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83918 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 83918 Datasheet HTML 6Page - Integrated Device Technology 83918 Datasheet HTML 7Page - Integrated Device Technology 83918 Datasheet HTML 8Page - Integrated Device Technology 83918 Datasheet HTML 9Page - Integrated Device Technology 83918 Datasheet HTML 10Page - Integrated Device Technology 83918 Datasheet HTML 11Page - Integrated Device Technology 83918 Datasheet HTML 12Page - Integrated Device Technology 83918 Datasheet HTML 13Page - Integrated Device Technology 83918 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
83918 Data Sheet
Parameter Measurement Information
3.3 Core/3.3V Output Load AC Test Circuit
3.3V Core/1.8V Output Load AC Test Circuit
2.5V/1.8V Output Load AC Test Circuit
3.3V Core/2.5V Output Load AC Test Circuit
2.5V/2.5V Output Load AC Test Circuit
RMS Phase Jitter
SCOPE
Qx
GND
1.65V±5%
-1.65V±5%
VDD,
VDDO
VDD
VDDO
SCOPE
Qx
GND
2.4V±5%
-0.9V±0.1V
0.9V±0.1V
VDD
VDDO
SCOPE
Qx
GND
1.6V±0.025V
-0.9V±0.1V
0.9V±0.1V
VDD
VDDO
SCOPE
Qx
GND
2.05V±5%
-1.25V±5%
1.25V±5%
VDD
VDDO
SCOPE
Qx
GND
1.25V±5%
-1.25V±5%
VDD,
VDDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com