Electronic Components Datasheet Search
  English  ▼

X  

ET2 Datasheet(PDF) 3 Page - NEC

Part # ET2
Description  AUTOMOTIVE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ET2 Datasheet(HTML) 3 Page - NEC

  ET2 Datasheet HTML 1Page - NEC ET2 Datasheet HTML 2Page - NEC ET2 Datasheet HTML 3Page - NEC ET2 Datasheet HTML 4Page - NEC ET2 Datasheet HTML 5Page - NEC ET2 Datasheet HTML 6Page - NEC ET2 Datasheet HTML 7Page - NEC ET2 Datasheet HTML 8Page - NEC ET2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ET2/ET1 SERIES
Data Sheet ER0429EJ1V0DS00
SPECIFICATIONS
(at 20
°C)
Twin
Single
ET2-B3M1/ET2-B3M1S
ET1-B3M1/ET1-B3M1S
Contact Form
1 Form c
× 2 (H Bridge)
1 Form c
Max. Switching Voltage
16 V dc
Max. Switching Current
25 A (at 16 Vdc)
Min. Switching Current
1 A (at 5 Vdc)
Contact Rating
Contact Resistance
4 m
Ω typical (measured at 7 A) Initial
Contact Material
Silver oxide complex alloy
Operate Time (Excluding Bounce)
2.5 ms typical (at Nominal Voltage) Initial
Release Time (Excluding Bounce)
3 ms typical (at Nominal Voltage, with diode) Initial
Nominal Operate Power
640 mW
Insulation Resistance
100 M
Ω at 500 V dc
Between Open Contact
500 V ac min. (for 1 minute)
Breakdown Voltage
Between Coil and Contact
500 V ac min. (for 1 minute)
Misoperation
98 m/s
2 (10 G)
Shock Resistance
Destructive Failure
980 m/s
2 (100 G)
Misoperation
10
∼ 300 Hz, 43 m/s2 (4.4 G)
Vibration Resistance
Destructive Failure
10
∼ 500 Hz, 43 m/s2 (4.4 G) 200 hour
Ambient Temperature
−40 to +85 °C (−40 to +185 °F)
Coil Temperature Rise
70
°C (158 °F)/W
Mechanical
1
× 106 operations
Power Window Motor
(14 V, 20 A, Locked)
100
× 103 operations
Life
Expectancy
Electrical
Power Window Motor
(14 V, 20 A /3 A, Unlocked)
100
× 103 operations
Weight
Approx. 7.5 g (0.26 oz)
Approx. 4.5 g (0.16 oz)
COIL RATING
SEALED TYPE
(at 20
°C)
Contact Form
Part Number
Nominal
Voltage
(Vdc)
Coil
Resistance
(
Ω±10%)
Must Operate
Voltage
(Vdc)
Must Release
Voltage
(Vdc)
Twin
1 Form c
× 2
ET2-B3M1S
Single
1 Form c
ET1-B3M1S
12
225
6.5
0.9
UNSEALED TYPE
(at 20
°C)
Contact Form
Part Number
Nominal
Voltage
(Vdc)
Coil
Resistance
(
Ω±10%)
Must Operate
Voltage
(Vdc)
Must Release
Voltage
(Vdc)
Twin
1 Form c
× 2ET2-B3M1
Single
1 Form c
ET1-B3M1
12
225
6.5
0.9
Items
Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com