Electronic Components Datasheet Search
  English  ▼

X  

ET2 Datasheet(PDF) 4 Page - NEC

Part # ET2
Description  AUTOMOTIVE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ET2 Datasheet(HTML) 4 Page - NEC

  ET2 Datasheet HTML 1Page - NEC ET2 Datasheet HTML 2Page - NEC ET2 Datasheet HTML 3Page - NEC ET2 Datasheet HTML 4Page - NEC ET2 Datasheet HTML 5Page - NEC ET2 Datasheet HTML 6Page - NEC ET2 Datasheet HTML 7Page - NEC ET2 Datasheet HTML 8Page - NEC ET2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ET2/ET1 SERIES
Data Sheet ER0429EJ1V0DS00
NUMBERING SYSTEM
ET 2 - B 3 M 1 S
Enclosure
Must Operate Voltage
Contact Material
Coil Resistance
Contact carrying current
Type
Nil : Unsealed
S : Sealed
1 : 6.5V
M : Silver oxide complex alloy
3 : 225
Ω
B : Standard type
1 : Single
2 : Twin
COIL TEMPERATURE RISE
Test piece : ET1-B3M1S
Coil energized time [min.]
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
Coil energized power [W]
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1
1.5
16V
12V
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com