Electronic Components Datasheet Search
  English  ▼

X  

ET2 Datasheet(PDF) 8 Page - NEC

Part # ET2
Description  AUTOMOTIVE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ET2 Datasheet(HTML) 8 Page - NEC

Back Button ET2 Datasheet HTML 4Page - NEC ET2 Datasheet HTML 5Page - NEC ET2 Datasheet HTML 6Page - NEC ET2 Datasheet HTML 7Page - NEC ET2 Datasheet HTML 8Page - NEC ET2 Datasheet HTML 9Page - NEC ET2 Datasheet HTML 10Page - NEC ET2 Datasheet HTML 11Page - NEC ET2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ET2/ET1 SERIES
Data Sheet ER0429EJ1V0DS00
Electrical life test (2)
• Ambient temperature
: 20
°C
• Frequency
: 0.2s ON/9.8s OFF, 0.1 Hz
• Contact load
: 14 VDC, 20A, Power window motor load, Unlocked
• Number of operations
: 100
× 103
• Samples
: ET2-B3M1S
10 pieces
10
8
6
4
2
0
0
10
100
Number of operations (
×103)
Operate Voltage
10
8
6
4
2
0
0
10
100
Number of operations (
×103)
Contact Resistance (N.O contact)
10
8
6
4
2
0
0
10
100
Number of operations (
×103)
Release Voltage
10
8
6
4
2
0
0
10
100
Number of operations (
×103)
Contact Resistance (N.C contact)
300
200
100
0
0
10
100
Number of operations (
×103)
Coil resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com