Electronic Components Datasheet Search
  English  ▼

X  

MS5535C Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # MS5535C
Description  Piezoresistive silicon micromachined sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5535C Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button MS5535C Datasheet HTML 14Page - TE Connectivity Ltd MS5535C Datasheet HTML 15Page - TE Connectivity Ltd MS5535C Datasheet HTML 16Page - TE Connectivity Ltd MS5535C Datasheet HTML 17Page - TE Connectivity Ltd MS5535C Datasheet HTML 18Page - TE Connectivity Ltd MS5535C Datasheet HTML 19Page - TE Connectivity Ltd MS5535C Datasheet HTML 20Page - TE Connectivity Ltd MS5535C Datasheet HTML 21Page - TE Connectivity Ltd MS5535C Datasheet HTML 22Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MS5535C
14 bar Pressure Sensor Module
SENSOR SOLUTIONS ///MS5535C
09/2015
Page 21
ASSEMBLY
MECHANICAL STRESS
It is recommended to avoid mechanical stress on the PCB on which the sensor is mounted. The thickness of the
PCB should not be below 1.6 mm. A thicker PCB is stiffer creating less stress on the soldering contacts. For
applications where mechanical stress cannot be avoided (for example ultrasound welding of the case or thin PCB’s
in watches) please fix the sensor with drops of low stress epoxy (for example Hysol FP-4401) at the corners of the
sensor as shown below.
Fixing with Globtop
increases mechanical
stability
MOUNTING
The MS5535C can be placed with automatic Pick&Place equipment using vacuum nozzles. It will not be damaged
by the vacuum. Due to the low stress assembly the sensor does not show pressure hysteresis effects.
Special care has to be taken to not touch the protective gel of the sensor during the assembly.
The MS5535C can be mounted with the cap down or the cap looking upwards. In both cases it is important to solder
all contact pads. The Pins PEN and PV shall be left open or connected to VDD. Do not connect the Pins PEN and
PV to GND!
Placement cap down
(hole in PCB to fit cap)
Solder at both sides to
increase mechanical
stability
Placement cap up
SEALING WITH O-RING
In products like outdoor watches the electronics must be protected against direct water or humidity. For those
products the MS5535-CM provides the possibility to seal with an O-ring. The protective cap of the MS5535CM is
made of special anticorrosive stainless steel with a polished surface. In addition to this the MS5535CM is filled with
silicone gel covering the sensor and the bonding wires. The O-ring (or O-rings) shall be placed at the outer diameter
of the metal cap. This method avoids mechanical stress because the sensor can move in vertical direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com