Electronic Components Datasheet Search
  English  ▼

X  

MS5535C Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # MS5535C
Description  Piezoresistive silicon micromachined sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5535C Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button MS5535C Datasheet HTML 8Page - TE Connectivity Ltd MS5535C Datasheet HTML 9Page - TE Connectivity Ltd MS5535C Datasheet HTML 10Page - TE Connectivity Ltd MS5535C Datasheet HTML 11Page - TE Connectivity Ltd MS5535C Datasheet HTML 12Page - TE Connectivity Ltd MS5535C Datasheet HTML 13Page - TE Connectivity Ltd MS5535C Datasheet HTML 14Page - TE Connectivity Ltd MS5535C Datasheet HTML 15Page - TE Connectivity Ltd MS5535C Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MS5535C
14 bar Pressure Sensor Module
SENSOR SOLUTIONS ///MS5535C
09/2015
Page 12
Example:
Word1, Word2, Word3 and Word4 (4x16 Bit)
D1 = 17788
D2 = 26603
Start
Convert calibration data into coefficients:
(see bit pattern of Word1-Word4)
Read calibration data (factory calibrated) from
PROM of MS5535C
Read digital pressure value from MS5535C
D1
(16 Bit)
Read digital temperature value from MS5535C
Display pressure and temperature value
Basic equations:
Calculate calibration temperature
UT1 = 8*C5 + 10000
Calculate temperature compensated pressure
Difference between actual temperature and reference
temperature:
dT = D2 - UT1
Actual temperature:
TEMP = 200 + dT*(C6+100)/2
11
(0.1°C resolution)
Calculate actual temperature
D2
(16 Bit)
SENST1
OFFT1
TCS
TCO
Tref
TEMPSENS
C1: Pressure sensitivity
(13 Bit)
C2: Pressure offset
(13 Bit)
C3: Temperature coefficient of pressure sensitivity (10 Bit)
C4: Temperature coefficient of pressure offset
(9 Bit)
C5: Reference temperature
(12 Bit)
C6: Temperature coefficient of the temperature
(7 Bit)
(Refer to application note AN519 for limits of coefficients and
calculated results)
Word1 = 18556
Word2 = 49183
Word3 = 22354
Word4 = 28083
C1 = 2319
C2 = 4864
C3 = 349
C4 = 219
C5 = 2002
C6 =
51
dT(D2) = D2 - Tref
TEMP(D2) = 20 + dT(D2) * TEMPSENS
Offset at actual temperature:
OFF = C2 + (C4 - 250)*dT/2
12 + 10000
Sensitivity at actual temperature:
SENS = C1/2 + (C3 + 200) )*dT/2
13 + 3000
Temperature compensated pressure:
P = SENS * (D1 - OFF))/2
12 + 1000
OFF(D2) = OFFT1 + TCO*dT(D2)
SENS(D2) = SENST1 + TCS * dT(D2)
P(D1,D2) = SENS(D2) * (D1
– OFF(D2))
dT
= 587
TEMP = 243
= 24.3°C
OFF
= 14859
SENS = 4198
P
= 4001
= 4001mbar
Fig. 3: Flow chart for pressure and temperature reading and software compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com