Electronic Components Datasheet Search
  English  ▼

X  

MS5535C Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # MS5535C
Description  Piezoresistive silicon micromachined sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5535C Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button MS5535C Datasheet HTML 4Page - TE Connectivity Ltd MS5535C Datasheet HTML 5Page - TE Connectivity Ltd MS5535C Datasheet HTML 6Page - TE Connectivity Ltd MS5535C Datasheet HTML 7Page - TE Connectivity Ltd MS5535C Datasheet HTML 8Page - TE Connectivity Ltd MS5535C Datasheet HTML 9Page - TE Connectivity Ltd MS5535C Datasheet HTML 10Page - TE Connectivity Ltd MS5535C Datasheet HTML 11Page - TE Connectivity Ltd MS5535C Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MS5535C
14 bar Pressure Sensor Module
SENSOR SOLUTIONS ///MS5535C
09/2015
Page 8
Absolute Pressure Accuracy after Calibration, 1st order compensation
-100
-50
0
50
100
150
200
250
0
2000
4000
6000
8000
10000
12000
14000
Pressure (mbar)
125°C
85°C
60°C
25°C
0°C
-40°C
Absolute Pressure Accuracy after Calibration, 2nd order compensation
-250
-200
-150
-100
-50
0
50
100
0
2000
4000
6000
8000
10000
12000
14000
Pressure (mbar)
125°C
85°C
60°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com