Electronic Components Datasheet Search
  English  ▼

X  

MS5536C Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MS5536C
Description  Pressure range -400 to 1000 mbar
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5536C Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MS5536C Datasheet HTML 1Page - TE Connectivity Ltd MS5536C Datasheet HTML 2Page - TE Connectivity Ltd MS5536C Datasheet HTML 3Page - TE Connectivity Ltd MS5536C Datasheet HTML 4Page - TE Connectivity Ltd MS5536C Datasheet HTML 5Page - TE Connectivity Ltd MS5536C Datasheet HTML 6Page - TE Connectivity Ltd MS5536C Datasheet HTML 7Page - TE Connectivity Ltd MS5536C Datasheet HTML 8Page - TE Connectivity Ltd MS5536C Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MS5536C
SMD Gage Pressure Module
SENSOR SOLUTIONS /// MS5536C
09/2015
Page 2
FEATURES
16-Bit ADC Resolution
Supply voltage 2.2 V to 3.6 V
Low supply current
-40°C to +85°C
Small size
No external components required
APPLICATIONS
Medical application
Blood pressure meter
Air flow measurement
HVAC application
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig. 1: Block diagram MS5536C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com