Electronic Components Datasheet Search
  English  ▼

X  

MS5536C Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # MS5536C
Description  Pressure range -400 to 1000 mbar
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5536C Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button MS5536C Datasheet HTML 9Page - TE Connectivity Ltd MS5536C Datasheet HTML 10Page - TE Connectivity Ltd MS5536C Datasheet HTML 11Page - TE Connectivity Ltd MS5536C Datasheet HTML 12Page - TE Connectivity Ltd MS5536C Datasheet HTML 13Page - TE Connectivity Ltd MS5536C Datasheet HTML 14Page - TE Connectivity Ltd MS5536C Datasheet HTML 15Page - TE Connectivity Ltd MS5536C Datasheet HTML 16Page - TE Connectivity Ltd MS5536C Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MS5536C
SMD Gage Pressure Module
SENSOR SOLUTIONS /// MS5536C
09/2015
Page 13
C3/II (8-Bit)
C5/II(8-Bit)
Word 1
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C4/II (8-Bit)
C6(8-Bit)
Word 2
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C5/I (4-Bit)
C1/II (12-Bit)
Word 3
DB11
DB10
DB9
DB8
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C1/I
C4/I
C3/I
C2 (13-Bit)
Word 4
DB12
DB8
DB8
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Fig. 4: Arrangement (Bit-pattern) of calibration data in Word1 to Word4
SECOND-ORDER TEMPERATURE COMPENSATION
In order to obtain full accuracy over the whole temperature range, it is recommended to compensate for the non-
linearity of the output of the temperature sensor. This can be achieved by the second-order temperature calculation,
i.e. by replacing the block ‘Calculate actual temperature’ in flow chart Fig. 3 by the following sequence:
Calculate actual temperature
Difference
between
the
actual
temperature
and
reference temperature:
dT = (D2 - UT1) - ((D2-UT1)*(D2-UT1))/2
18
Actual temperature in °C
TEMP = 2000 + dT*(C6+262)/2
9 (weight: 0.01°C)
Calculate actual temperature
Difference
between
the
actual
temperature
and
reference temperature:
dT = (D2 - UT1) - (9*(D2-UT1)*(D2-UT1))/2
18
Actual temperature in °C
TEMP = 2000 + dT*(C6+262)/2
9 (weight: 0.01°C)
D2
UT1?
no
yes
Fig. 5: Flow chart for calculating the temperature to the optimum accuracy. The value for dT thus obtained is then used for the
calculation of the temperature compensated pressure as shown in Fig. 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com