Electronic Components Datasheet Search
  English  ▼

X  

MS5536C Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # MS5536C
Description  Pressure range -400 to 1000 mbar
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5536C Datasheet(HTML) 3 Page - TE Connectivity Ltd

  MS5536C Datasheet HTML 1Page - TE Connectivity Ltd MS5536C Datasheet HTML 2Page - TE Connectivity Ltd MS5536C Datasheet HTML 3Page - TE Connectivity Ltd MS5536C Datasheet HTML 4Page - TE Connectivity Ltd MS5536C Datasheet HTML 5Page - TE Connectivity Ltd MS5536C Datasheet HTML 6Page - TE Connectivity Ltd MS5536C Datasheet HTML 7Page - TE Connectivity Ltd MS5536C Datasheet HTML 8Page - TE Connectivity Ltd MS5536C Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MS5536C
SMD Gage Pressure Module
SENSOR SOLUTIONS /// MS5536C
09/2015
Page 3
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top view
Bottom view
Fig. 2: Pin configuration of MS5536-CPJU, MS5536-CNJU
PIN DESCRIPTION
Pin Name
Pin
Type
Function
N/C
1
Not Connected
VDD
2
P
Positive Supply Voltage
MCLK
3
I
Master Clock (32.768kHz)
DIN
4
I
Data Input
DOUT
5
O
Data Output
SCLK
6
I
Serial Data Clock
GND
7
G
Ground
N/C
8
Not Connected
N/C
9
Not Connected
N/C
10
Not Connected
N/C
11
Not Connected
N/C
12
Not Connected
PV
13
N
Negative Programming Voltage
PEN
14
I
Programming Enable
NOTE
Pins 13 (PEN) and 14 (PV) are only used by the manufacturer for calibration purposes and should not be connected.
PRESSURE UNIT CONVERSION
mbar
kPa
bar
mm Hg
PSI
atm
mm H2O
Inches H2O
400.0
40.00
0.4000
300.0
5.801
0.3947
4079
160.57
1000.0
100.00
1.0000
750.0
14.503
0.9869
10198
401.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com