Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9525_13 Datasheet HTML 37Page - Analog Devices AD9525_13 Datasheet HTML 38Page - Analog Devices AD9525_13 Datasheet HTML 39Page - Analog Devices AD9525_13 Datasheet HTML 40Page - Analog Devices AD9525_13 Datasheet HTML 41Page - Analog Devices AD9525_13 Datasheet HTML 42Page - Analog Devices AD9525_13 Datasheet HTML 43Page - Analog Devices AD9525_13 Datasheet HTML 44Page - Analog Devices AD9525_13 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
AD9525
Rev. A | Page 41 of 48
Table 41. LVPECL Drivers OUT2
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F2
[7:5]
Don’t care
Don’t care
4
Power down
Channel 2 and
Channel 3
Powers down Channel 2 and Channel 3
0: enabled (default)
1: power-down
3
Don’t care
Don’t care
[2:1]
OUT2 level
Bit 1
Bit 0
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
0
OUT2 driver
power-down
0: enabled (default)
1: power-down
Table 42. LVPECL Drivers OUT3
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F3
[7:5]
Don’t care
Don’t care
4
Reserved
Reserved, write 0
3
Don’t care
Don’t care
[2:1]
OUT3 level
Bit 1
Bit 0
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
0
OUT3 driver
power-down
0: enabled (default)
1: power-down
Table 43. PECL Drivers OUT4
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x0F4
[7:5]
Don’t care
Don’t care
4
Power down
Channel 4 and
Channel 5
Powers down Channel 4 and Channel 5
0: enabled (default)
1: power-down
3
Don’t care
Don’t care
[2:1]
OUT4 level
Bit 1
Bit 0
VOD (mV)
0
0
400
0
1
600
1
0
780 (default)
1
1
960
0
OUT4 driver
power-down
0: enabled (default)
1: power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com