Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9525_13 Datasheet HTML 18Page - Analog Devices AD9525_13 Datasheet HTML 19Page - Analog Devices AD9525_13 Datasheet HTML 20Page - Analog Devices AD9525_13 Datasheet HTML 21Page - Analog Devices AD9525_13 Datasheet HTML 22Page - Analog Devices AD9525_13 Datasheet HTML 23Page - Analog Devices AD9525_13 Datasheet HTML 24Page - Analog Devices AD9525_13 Datasheet HTML 25Page - Analog Devices AD9525_13 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9525
Data Sheet
Rev. A | Page 22 of 48
Digital Lock Detect (DLD)
By selecting the proper output through the mux on each pin, the
DLD function is available at the STATUS and REF_MON pins.
The digital lock detect circuit indicates a lock when the time
difference of the rising edges at the PFD inputs is less than a
specified value (the lock threshold). The loss of a lock is indicated
when the time difference exceeds a specified value (the unlock
threshold). Note that the unlock threshold is wider than the
lock threshold, which allows some phase error in excess of the
lock window to occur without chattering on the lock indicator.
The lock detect window timing depends on the value of the
CPRSET resistor, as well as three settings: the digital lock detect
window bit (Register 0x019[1]), the antibacklash pulse width
bits (Register 0x010[1:0], see Table 8), and the lock detect counter
bits (Register 0x019[3:2]). The lock and unlock detection values in
Table 8 are for the nominal value of CPRSET = 5.11 kΩ. Doubling
the CPRSET value to 10 kΩ doubles the values in Table 8.
A lock is not indicated until there is a programmable number
of consecutive PFD cycles with a time difference that is less than
the lock detect threshold. The lock detect circuit continues to
indicate a lock until a time difference greater than the unlock
threshold occurs on a single subsequent cycle. For the lock detect
to work properly, the period of the PFD frequency must be
greater than the unlock threshold. The number of consecutive PFD
cycles required for a lock is programmable (Register 0x018[6:5]).
Note that, in certain low (<500 Hz) loop bandwidth, high phase
margin cases, it is possible that the DLD can chatter during
acquisition. This is normal and occurs because the PFD inputs
are moving slowly in and out of the lock/unlock window during
PLL loop settling. Adjustment of the lock detect counter setting
(Register 0x019[3:2]) can suppress this behavior.
External VCXO/VCO Clock Input (CLKIN/CLKIN)
This differential input is used to drive the AD9525 clock
distribution section. The pins are internally self-biased, and the
input signal should be ac-coupled via capacitors.
The CLKIN/CLKIN input can be used either as a distribution
only input (with the PLL off) or as a feedback input for an external
VCO/VCXO using the internal PLL. Sample configurations
are illustrated in Figure 19 through Figure 21. Refer to the
manufacturer’s recommendation for VCO terminations; a T or
PI attenuator is often recommended, as illustrated in Figure 19.
For operation using a CMOS input, an external resistive divider
is required to limit the swing on CLKIN (see Table 6 for the
maximum input rating).
Status Monitor
The AD9525 contains three frequency status monitors that are
used to indicate if the PLL reference (or references, in the case
of single-ended mode) and the VCO have fallen below a threshold.
VCO
R1
C1
AD9525
C2
C3
R2
CLKIN
CP
CLKIN
50Ω
VTUNE
ATTENUATOR1
1VCO MANUFACTURERS RECOMMEND EITHER A T OR PI ATTENUATOR
TO PREVENT VCO PULLING. REFER TO MANUFACTURER’S
RECOMMENDATION
Figure 19. CLKIN Configured as Single-Ended VCO
CMOS VCXO
R1
C1
AD9525
C2
C3
R2
CLKIN
CP
CLKIN
100kΩ
100kΩ
VTUNE
Figure 20. CLKIN Configured as Single-Ended CMOS VCXO
PECL VCXO1
1PROVIDE THE PROPER VCXO
MANUFACTURER PECL TERMINATION.
R1
C1
AD9525
C2
C3
R2
CLKIN
CP
CLKIN
VTUNE
Figure 21. CLKIN Configured as Differential LVPECL VCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com