Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 3 Page - Analog Devices

  AD9525_13 Datasheet HTML 1Page - Analog Devices AD9525_13 Datasheet HTML 2Page - Analog Devices AD9525_13 Datasheet HTML 3Page - Analog Devices AD9525_13 Datasheet HTML 4Page - Analog Devices AD9525_13 Datasheet HTML 5Page - Analog Devices AD9525_13 Datasheet HTML 6Page - Analog Devices AD9525_13 Datasheet HTML 7Page - Analog Devices AD9525_13 Datasheet HTML 8Page - Analog Devices AD9525_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD9525
Rev. A | Page 3 of 48
SPECIFICATIONS
Typical is given for VDD3 = 3.3 V ± 5%; VDD3 ≤ VDD_CP ≤ 5.25 V; TA = 25°C; OUT_RSET resistor = 4.12 kΩ; CP_RSET resistor (CPRSET) =
5.1 kΩ, unless otherwise noted. Minimum and maximum values are given over full VDD3 and TA (−40°C to +85°C) variation as listed in Table 1.
REFA at 122.88 MHz, CLKIN frequency = 2949.12 MHz.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD3
3.3
V
3.3 V ± 5%
VDD_CP
VDD3
5.25
V
Nominally 3.3 V to 5.0 V ± 5%
OUT_RSET PIN RESISTOR
4.12
kΩ
Sets internal biasing currents; connect to ground
CP_RSET PIN RESISTOR (CPRSET RESISTOR)
5.1
kΩ
Sets internal CP current range, nominally 4.8 mA
(CP_LSB = 600 µA); actual current calculated by
CP_LSB = 3.06/CPRSET, connect to ground; CPRSET
range = 2.7 kΩ to10 kΩ
TEMPERATURE RANGE, TA
−40
+25
+85
°C
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT FOR VDD3 and VDD_CP PINS
fCLK = 2949.12 MHz; REFA and REFB enabled
at 122.88 MHz; R dividers = 2; M divider = 2;
PFD = 61.44 MHz; eight LVPECL outputs at
1474.56 MHz; LVPECL 780 mV mode
VDD3 (Pin 3, Pin 36, Pin 41, Pin 46), Total Supply
Voltage for Outputs
310
369
mA
Outputs terminated with 50 Ω to VDD3 − 2 V
VDD3 (Pin 9), Supply Voltage for M Divider,
CLK Inputs and Distribution
98
107
mA
VDD_CP (Pin 13), Supply Voltage for Charge Pump
6.6
7.6
mA
VDD3 (Pin 20), Supply Voltage for PLL
53
63.4
mA
VDD3 (Pin 32), Supply Voltage for SYNC_OUT
45
54
mA
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION, CHIP
Does not include power dissipated in external
resistors; all LVPECL outputs terminated with
50 Ω to VDD3 − 2 V; LVPECL 780 mV mode
Power-On Default
782
871
mW
No programming; default register values
Typical Operation 1
1.15
1.23
W
fCLK = 2949.12 MHz; REFA and REFB enabled
at 122.88 MHz; R dividers = 2; M divider = 2;
PFD = 61.44 MHz; eight LVPECL outputs at
1474.56 MHz
Typical Operation 2
1.17
1.25
W
fCLK = 2949.12 MHz; PLL on; REFA enabled at
122.88 MHz; M divider = 1; PFD = 122.88MHz;
eight LVPECL outputs at 2949.12 MHz
PD Power-Down
51
56.4
mW
PD pin pulled low
PD Power-Down, Maximum Sleep
13.2
19.1
mW
PD pin pulled low; power-down distribution
reference, Reg. 0x230[1] = 1b; note that powering
down distribution reference disables safe power-
down mode (see Power-Down Modes section)
VDD_CP Supply
22
25
mW
PLL operating; typical closed-loop configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com