Electronic Components Datasheet Search
  English  ▼

X  

SMP1307 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1307
Description  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1307 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1307 Datasheet HTML 1Page - Alpha Industries SMP1307 Datasheet HTML 2Page - Alpha Industries SMP1307 Datasheet HTML 3Page - Alpha Industries SMP1307 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Very Low Distortion Attenuator
Plastic Packaged PIN Diodes
Features
s Low Distortion Design
s Frequency Range from HF to > 2 GHz
s Designed for CATV AGC Applications
s Designed for High Volume Wireless
Applications
Description
The SMP1307 series of plastic packaged, surface
mountable, low capacitance (0.3 pF) silicon PIN diodes
are designed for use in attenuator applications from 5 MHz
to beyond 2 GHz. The thick 175
µm I region of these PIN
diodes makes them very attractive for use in very low
distortion PI and TEE attenuators commonly used in TV
distribution applications. The 1.5
µS typical carrier
lifetime of these diodes results in resistance of 100
Ω
maximum at 1 mA and 10
Ω maximum at 10 mA. Available
in a selection of plastic packages, as a single diode in the
small footprint SOD-323, and in a variety of configurations
in the SOT-23. Also available in a SOT-5 (SMP1307-027)
package as a four diode array designed for insertion in the
commonly used 4 diode PI attenuator circuit.
SMP1307 Series
Characteristic
Value
Reverse Voltage (VR)
200 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1C
Absolute Maximum Ratings
Single
Common
Series Pair
Single
PI
Cathode
Marking: PJ1
Marking: PJ3
Marking: PJ2
Marking: PJM
SOT-23
SOT-23
SOT-23
SOD-323
SOT-5
o
SMP1307-001
o
SMP1307-004
o
SMP1307-005
o
SMP1307-011
o
SMP1307-027
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
o Available through distribution.
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 200 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 30 V
0.30
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
75
100
Ω
Resistance (RS)
F = 100 MHz, I = 10 mA
15
Ω
Resistance (RS)
F = 100 MHz, I = 100 mA
3.0
Ω
Forward Voltage (VF)
IF = 10 mA
0.85
V
Carrier Lifetime (TI)
IF = 10 mA
1.5
µS
I Region Width
175
µm
Electrical Specifications at 25°C


Similar Part No. - SMP1307

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-001 SKYWORKS-SMP1307-001 Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-001LF SKYWORKS-SMP1307-001LF Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004 SKYWORKS-SMP1307-004 Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307-004LF SKYWORKS-SMP1307-004LF Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results

Similar Description - SMP1307

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
Switch and Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com