Electronic Components Datasheet Search
  English  ▼

X  

SMP1307 Datasheet(PDF) 3 Page - Alpha Industries

Part # SMP1307
Description  Very Low Distortion Attenuator Plastic Packaged PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1307 Datasheet(HTML) 3 Page - Alpha Industries

  SMP1307 Datasheet HTML 1Page - Alpha Industries SMP1307 Datasheet HTML 2Page - Alpha Industries SMP1307 Datasheet HTML 3Page - Alpha Industries SMP1307 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 Series
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 1/01A
SMP1307-027 4 Diode PI Attenuator
The SMP1307-027 employs 4 PIN diode junctions in a
5-lead SOT package. It is configured for ease of
insertion in the PI attenuator circuit commonly used for
broadband TV distribution systems, covering a frequency
range from 5 MHz to beyond 1 GHz.
A broadband attenuator was designed using the
SMP1307-027 showing good performance to 2 GHz. The
attenuator was evaluated with a 50
Ω source and load
impedance. The following figure shows the circuit
diagram and measured performance.
C1
10,000 pF
C2
10,000 pF
C4
10,000 pF
C5
10,000 pF
C6
10,000 pF
C3
10,000 pF
R2
1 k
R1
1 k
R3
1 k
R5
560
R4
1 k
R6
560
D1
D2
D3
D4
VTUNE
0–20 V
VREF
5 V
RF
Output
RF
Input
45
1
2
3
A 4 diode PI attenuator utilizing individual SMP1307-011 PIN diodes is described in the “A Wideband General Purpose PIN Diode Attenuator” Application Note.
D1–D4 SMP1307-027
-50
-40
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
Frequency (GHz)
VCTL = 20 V
VCTL = 15 V
VCTL = 10 V
VCTL = 5 V
VCTL = 0 V
SMP1307-027 Attenuation vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com