Electronic Components Datasheet Search
  English  ▼

X  

SIM6813M Datasheet(PDF) 1 Page - Sanken electric

Part # SIM6813M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6813M Datasheet(HTML) 1 Page - Sanken electric

  SIM6813M Datasheet HTML 1Page - Sanken electric SIM6813M Datasheet HTML 2Page - Sanken electric SIM6813M Datasheet HTML 3Page - Sanken electric SIM6813M Datasheet HTML 4Page - Sanken electric SIM6813M Datasheet HTML 5Page - Sanken electric SIM6813M Datasheet HTML 6Page - Sanken electric SIM6813M Datasheet HTML 7Page - Sanken electric SIM6813M Datasheet HTML 8Page - Sanken electric SIM6813M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
Description
The SIM6800M Series inverter power module (IPM) provides
a robust, highly-integrated solution for optimally controlling
3-phasemotorpowerinvertersystemsandvariablespeedcontrol
systems used in energy-conserving designs to drive motors of
residential and commercial appliances. This IC takes up to 5 A
(continuous) output current. It can withstand voltages of up to
600 V (IGBT breakdown voltage).
The SIM6800M Series series power package includes an IC
with all of the necessary power elements (six MOSFETs or
IGBTs and six freewheeling diodes), pre-driver ICs (two), and
bootstrap diodes (three), needed to configure the main circuit
of an inverter. This enables the main circuit of the inverter to
be configured with fewer external components than traditional
designs.
Applications include residential white goods (home
applications) and commercial appliance motor control:
• Air conditioner fan
• Small ventilation fan
• Dishwasher pump
Features and Benefits
▪ Built-in pre-drive IC
▪ MOSFET or IGBT power element
▪ Alleviate noise generation by adjusting an internal resistor
▪ CMOS compatible input (3.3 V and 5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop (UVLO on VBB and VCC)
▪ Overcurrent protection (OCP), overcurrent limiting (OCL),
and thermal shutdown (TSD)
▪ Output of fault signal during operation of protection circuit
▪ Output current 2.5 A, 3.0 A, or 5 A
▪ Small DIP (SIM 40-pin)
▪ Isolation rating of 1500 Vrms/min.
▪ UL recognized component, File No.: E118037
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
Figure 1. Driver block diagram.
Functional Block Diagram
Low Side
Driver
UVLO
UVLO
UVLO
UVLO
Input
Logic
Input Logic
(OCP Reset)
UVLO
SD
VCC1
VB1B
VB2
VB3
VBB
W2
U
LS3B
LS1
LS2
LS3A
FO
COM2
LIN 3
LIN 2
LIN 1
VCC2
COM1
HIN3
HIN2
HIN1
High Side
Level Shift Driver
OCL
OCP
IGBTs for SIM6822M and SIM6827M
OCP and OCL
Thermal
Shutdown
OCP
W1
V1
V
V2
VB1A
SIM6800M
A
A
A
A
A
A
A
HO
LO
SIM6800M-DS
Ver. 02
February 21, 2013
Not to scale
Package: 40-pin DIP
Leadform 2971


Similar Part No. - SIM6813M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SIM6813M SANKEN-SIM6813M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6813M SANKEN-SIM6813M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
More results

Similar Description - SIM6813M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
High Voltage 3 Phase Motor Driver
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
High Voltage 3-Phase Motor Driver
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
Low Voltage 3-Phase Brushless Motor Driver ICs
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com