Electronic Components Datasheet Search
  English  ▼

X  

SIM6813M Datasheet(PDF) 15 Page - Sanken electric

Part # SIM6813M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6813M Datasheet(HTML) 15 Page - Sanken electric

Back Button SIM6813M Datasheet HTML 8Page - Sanken electric SIM6813M Datasheet HTML 9Page - Sanken electric SIM6813M Datasheet HTML 10Page - Sanken electric SIM6813M Datasheet HTML 11Page - Sanken electric SIM6813M Datasheet HTML 12Page - Sanken electric SIM6813M Datasheet HTML 13Page - Sanken electric SIM6813M Datasheet HTML 14Page - Sanken electric SIM6813M Datasheet HTML 15Page - Sanken electric SIM6813M Datasheet HTML 16Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver. 02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40% to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
•
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
•
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between the product pins, and
wrong connections.
Remarks About Using Silicone Grease with a Heatsink
•
When a heatsink is used it shall be recommended M2.5 screws
and φ6.0 plain washers, the torque of screwing to the heatsink
shall be 29.4 to 44.1 N●cm (3.0 to 4.5 Kgf●cm). When mounting,
there must be no foreign substance between the product and the
heatsink, except for silicone grease.
•
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce excess stress.
•
Volatile-type silicone greases may crack after long periods of
time, resulting in reduced heat radiation effect. Silicone grease
with low consistency (hard grease) may cause cracks in the mold
resin when screwing the product to a heatsink.
•
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
MOMENTIVE Performance Materials, Inc
SC102
Dow Corning Toray Co., Ltd.
Soldering
•
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C
10±1 s
(Flow, 2 times)
380±10°C 3.5±0.5 s (Solder iron, 1 time)
•
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
•
When handling the products, the operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance from the operator to ground to prevent shock hazard,
and it should be placed near the operator.
•
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
•
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
•
When soldering the products, the head of soldering irons or the
solder bath must be grounded in order to prevent leak voltages
generated by them from being applied to the products.
•
The products should always be stored and transported in Sanken
shipping containers or conductive containers, or be wrapped in
aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com