Electronic Components Datasheet Search
  English  ▼

X  

SIM6813M Datasheet(PDF) 4 Page - Sanken electric

Part # SIM6813M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6813M Datasheet(HTML) 4 Page - Sanken electric

  SIM6813M Datasheet HTML 1Page - Sanken electric SIM6813M Datasheet HTML 2Page - Sanken electric SIM6813M Datasheet HTML 3Page - Sanken electric SIM6813M Datasheet HTML 4Page - Sanken electric SIM6813M Datasheet HTML 5Page - Sanken electric SIM6813M Datasheet HTML 6Page - Sanken electric SIM6813M Datasheet HTML 7Page - Sanken electric SIM6813M Datasheet HTML 8Page - Sanken electric SIM6813M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver.02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
NOTE:
▪ W1 and W2, as well as V1 and V2< must be externally connected to each other.
▪ If not using the Current Limiter (OCL) function, leave the OCL and SD pins open, but the SD pin should be connected to
GND if significant external noise is observed.
▪ Place a pull-up resistor, RFO, between the 3.3 V or 5 V supply and the IC, selected according to anti-noise characteristics,
even though a 1 MΩ pull-up resistor is built-in at the ¯F¯¯¯O¯ pin. Note that connecting to the 3.3 V or 5 V supply without a pull-up
resistor disables the TSD function (however, low-side UVLO protection and OCP function remain active).
▪ To avoid malfunctions resulting from noise interference, place a 0.001 to 0.01 μF ceramic capacitor (CFO) between the ¯F¯¯¯O¯
and COM2 pins.
▪ To avoid malfunctions resulting from noise interference, the traces must be as short as possible between the IC and the
bootstrap capacitors, Cbootx (approximately 1 μF).
▪ To avoid malfunctions resulting from noise interference, place a 0.01 to 0.1 μF ceramic capacitor between the VCC1 and
COM1 pins, as well as between the VCC2 and COM2 pins. Also, the traces between them must be as short as possible.
▪ To avoid malfunctions resulting from noise interference, the traces between the current sense resistor RS, which is placed
between the LS and COM2 pins, and the IC must be as short and wide as possible.
▪ To avoid malfunction, the wiring between the LS and COM2 pins should be as short as possible. When wiring cannot be
shortened sufficiently, insert a fast diode between LS and COM2.
▪ When the low pass filter (RC filter, RO, CO in the typical application circuit) is connected to the shunt resistor for current
detection, the time constant should be set to be 0.2 μs or shorter. Care should be taken because destruction of the IPM may
be caused due to detection delay when the time constant of filter is set to be 0.2 μs or longer, because a filter (1.5 μs(min)) is
incorporated in the OCP circuit of the IPM.
Typical Application Diagram
SD
VCC1
VB1B
VB2
VB3
W2
U
LS1
FO
COM2
LIN3
LIN2
LIN1
VCC2
COM1
HIN3
HIN2
HIN1
OCL
W1
V1
V
VBB
V2
15V
5V
OCP
LS2
LS3A
DC-link
RS
Ro
Co
RFO
CFO
Brushless
DC motor
U
V
W
COM
Low Side
Driver
UVLO
UVLO
UVLO
UVLO
Input
Logic
Input Logic
(OCP reset)
UVLO
High Side
Level Shift Driver
OCPandOCL
Thermal
Shutdown
OCP
VB1A
LS3B
Cboot1
Cboot2
Cboot3
MOSFETs for SIM6812M and SIM6813M
A
A
A
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com