Electronic Components Datasheet Search
  English  ▼

X  

CDP6402 Datasheet(PDF) 1 Page - Harris Corporation

Part # CDP6402
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402 Datasheet(HTML) 1 Page - Harris Corporation

  CDP6402 Datasheet HTML 1Page - Harris Corporation CDP6402 Datasheet HTML 2Page - Harris Corporation CDP6402 Datasheet HTML 3Page - Harris Corporation CDP6402 Datasheet HTML 4Page - Harris Corporation CDP6402 Datasheet HTML 5Page - Harris Corporation CDP6402 Datasheet HTML 6Page - Harris Corporation CDP6402 Datasheet HTML 7Page - Harris Corporation CDP6402 Datasheet HTML 8Page - Harris Corporation CDP6402 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEMICONDUCT OR
5-74
Features
• Low Power CMOS Circuitry. . . . . . . . . . 7.5mW (Typ) at
3.2MHz (Max Freq.) at VDD = 5V
• Baud Rate
- DC to 200K Bits/s (Max) at. . . . . . . . . . . . . . 5V, 85oC
- DC to 400K Bits/s (Max) at. . . . . . . . . . . . . . 10V, 85oC
• 4V to 10.5 Operation
• Automatic Data Formatting and Status Generation
• Fully Programmable with Externally Selectable Word
Length (5 - 8 Bits), Parity Inhibit, Even/Odd Parity, and
1, 1-1/2, or 2 Stop Bits
• Operating Temperature Range
- CDP6402D, CD . . . . . . . . . . . . . . . . . -55oC to +125oC
- CDP6402E, CE . . . . . . . . . . . . . . . . . . -40oC to +85oC
• Replaces Industry Type IM6402 and Compatible with
HD6402
Description
The CDP6402 and CDP6402C are silicon gate CMOS
Universal
Asynchronous
Receiver/Transmitter
(UART)
circuits for interfacing computers or microprocessors to
asynchronous serial data channels. They are designed to
provide the necessary formatting and control for interfacing
between serial and parallel data channels. The receiver
converts serial start, data, parity, and stop bits to parallel
data verifying proper code transmission, parity and stop bits.
The transmitter converts parallel data into serial form and
automatically adds start parity and stop bits.
The data word can be 5, 6, 7 or 8 bits in length. Parity may
be odd, even or inhibited. Stop bits can be 1, 1-1/2, or 2
(when transmitting 5-bit code).
The CDP6402 and CDP6402C can be used in a wide range
of applications including modems, printers, peripherals,
video terminals, remote data acquisition systems, and serial
data links for distributed processing systems.
The CDP6402 and CDP6402C are functionally identical.
They differ in that the CDP6402 has a recommended
operating voltage range of 4V to 10.5V, and the CDP6402C
has a recommended operating voltage range of 4V to 6.5V.
Pinout
(40 LEAD PDIP, SBDIP)
TOP VIEW
Ordering Information
PACK-
AGE
TEMP. RANGE
5V/200K
BAUD
10V/400K
BAUD
PKG.
NO.
PDIP
-40oC to +85oC
CDP6402CE
CDP6402E
E40.6
Burn-In
CDP6402CEX
-
SBDIP
-40oC to +85oC
CDP6402CD
CDP6402D
D40.6
Burn-In
CDP6402CDX CDP6402DX
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
VDD
NC
GND
RRD
RBR8
RBR7
RBR6
RBR5
RBR4
RBR3
RBR2
RBR1
PE
FE
OE
SFD
RRC
DRR
DR
RRI
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
TRC
EPE
CLS1
CLS2
SBS
PI
CRL
TBR8
TBR7
TBR6
TBR5
TBR4
TBR3
TBR2
TBR1
TRO
TRE
TBRL
TBRE
MR
August 1996
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1996
CDP6402,
CDP6402C
CMOS Universal Asynchronous
Receiver/Transmitter (UART)
File Number
1328.2


Similar Part No. - CDP6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402C INTERSIL-CDP6402C Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CD INTERSIL-CDP6402CD Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CDX INTERSIL-CDP6402CDX Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CE INTERSIL-CDP6402CE Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results

Similar Description - CDP6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Intersil Corporation
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402_05 Datasheet
218Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
October 31, 2005
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
Universal Asynchronous Receiver Transmitter(UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com