Electronic Components Datasheet Search
  English  ▼

X  

CDP6402 Datasheet(PDF) 3 Page - Harris Corporation

Part # CDP6402
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402 Datasheet(HTML) 3 Page - Harris Corporation

  CDP6402 Datasheet HTML 1Page - Harris Corporation CDP6402 Datasheet HTML 2Page - Harris Corporation CDP6402 Datasheet HTML 3Page - Harris Corporation CDP6402 Datasheet HTML 4Page - Harris Corporation CDP6402 Datasheet HTML 5Page - Harris Corporation CDP6402 Datasheet HTML 6Page - Harris Corporation CDP6402 Datasheet HTML 7Page - Harris Corporation CDP6402 Datasheet HTML 8Page - Harris Corporation CDP6402 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5-76
Absolute Maximum Ratings
Thermal Information
DC Supply-Voltage Range, (VDD)
CDP6402 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +11V
CDP6402C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5 to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . ±100µA
Device Dissipation Per Output Transistor
For TA = Full Package-Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating-Temperature Range (TA)
Package Type D (SBDIP) . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E (PDIP) . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
55
15
Maximum Storage Temperature Range (TSTG) . . .-65
oC to +150oC
Maximum Lead Temperature (Soldering 10s):
At Distance 1/16
±1/32 inch (1.59 ±0.79mm) . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Operating Conditions At TA = Full Package-Temperature Range. For maximum reliability, operating conditions should be selected so
that operatIon is always within the following ranges:
PARAMETER
LIMITS
UNITS
CDP6402
CDP6402C
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
Static Electrical Specifications at TA = -40oC to +85oC, VDD ±10%, Except as noted
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP6402
CDP6402C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
0.01
50
-
0.02
200
µA
-
0,10
10
-
1
200
-
-
-
µA
Output Low Drive
(Sink) Current
IOL
0.4
0,5
5
2
4
-
1.2
2.4
-
mA
0.5
0,10
10
5
7
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-0.55
-1.1
-
-0.55
-1.1
-
mA
9.5
0,10
10
-1.3
-2.6
-
-
-
-
mA
Output Voltage Low-
Level (Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High Level (Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
0.8
-
-
0.8
V
0.5, 9.5
-
10
-
-
0.2 VDD
--
-
V
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com