Electronic Components Datasheet Search
  English  ▼

X  

LM2925 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2925
Description  Low Dropout Regulator with Delayed Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2925 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2925 Datasheet HTML 1Page - National Semiconductor (TI) LM2925 Datasheet HTML 2Page - National Semiconductor (TI) LM2925 Datasheet HTML 3Page - National Semiconductor (TI) LM2925 Datasheet HTML 4Page - National Semiconductor (TI) LM2925 Datasheet HTML 5Page - National Semiconductor (TI) LM2925 Datasheet HTML 6Page - National Semiconductor (TI) LM2925 Datasheet HTML 7Page - National Semiconductor (TI) LM2925 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Reset Output
Electrical Characteristics (Continued)
V
IN = 14V, C3 = 0.1 µF, TA = 25˚C (Note 4) (unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
Delay Current
Pin 4
1.2
1.95
2.5
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating Conditions.
Note 2: Thermal resistance without a heat sink for junction to case temperature is 3˚C/W (TO-220). Thermal resistance for TO-220 case to ambient temperature is
50˚C/W.
Note 3: These parameters are guaranteed and 100% production tested.
Note 4: To ensure constant junction temperature, low duty cycle pulse testing is used.
Typical Circuit Waveforms
Typical Performance Characteristics
DS005268-3
FIGURE 2.
Reset Voltage
DS005268-4
Reset Voltage
DS005268-5
Delay Time
DS005268-6
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com