Electronic Components Datasheet Search
  English  ▼

X  

LM2925 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2925
Description  Low Dropout Regulator with Delayed Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2925 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2925 Datasheet HTML 1Page - National Semiconductor (TI) LM2925 Datasheet HTML 2Page - National Semiconductor (TI) LM2925 Datasheet HTML 3Page - National Semiconductor (TI) LM2925 Datasheet HTML 4Page - National Semiconductor (TI) LM2925 Datasheet HTML 5Page - National Semiconductor (TI) LM2925 Datasheet HTML 6Page - National Semiconductor (TI) LM2925 Datasheet HTML 7Page - National Semiconductor (TI) LM2925 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2925
Low Dropout Regulator with Delayed Reset
General Description
The LM2925 features a low dropout, high current regulator.
Also included on-chip is a reset function with an externally
set delay time. Upon power up, or after the detection of any
error in the regulated output, the reset pin remains in the ac-
tive low state for the duration of the delay. Types of errors de-
tected include any that cause the output to become unregu-
lated: low input voltage, thermal shutdown, short circuit,
input transients, etc. No external pull-up resistor is neces-
sary. The current charging the delay capacitor is very low, al-
lowing long delay times.
Designed primarily for automotive applications, the LM2925
and all regulated circuitry are protected from reverse battery
installations or two-battery jumps. During line transients,
such as a load dump (60V) when the input voltage to the
regulator can momentarily exceed the specified maximum
operating voltage, the 0.75A regulator will automatically shut
down to protect both internal circuits and the load. The
LM2925 cannot be harmed by temporary mirror-image inser-
tion. Familiar regulator features such as short circuit and
thermal overload protection are also provided.
Features
n
5V, 750 mA output
n
Externally set delay for reset
n
Input-output differential less than 0.6V at 0.5A
n
Reverse battery protection
n
60V load dump protection
n
−50V reverse transient protection
n
Short circuit protection
n
Internal thermal overload protection
n
Available in plastic TO-220
n
Long delay times available
n
P
+ Product Enhancement tested
Typical Application Circuit
Connection Diagram
DS005268-1
*Required if regulator is located far from power supply filter.
**COUT must be at least 10 µF to maintain stability. May be increased
without bound to maintain regulation during transients. Locate as close as
possible to the regulator. This capacitor must be rated over the same
operating temperature range as the regulator. The equivalent series
resistance (ESR) of this capacitor is critical; see curve.
FIGURE 1. Test and Application Circuit
TO-220 5-Lead
DS005268-2
Order Number LM2925T
See NS Package Number T05A
April 1998
© 1998 National Semiconductor Corporation
DS005268
www.national.com


Similar Part No. - LM2925

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2925T HTC-LM2925T Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
More results

Similar Description - LM2925

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com