Electronic Components Datasheet Search
  English  ▼

X  

LM2925 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2925
Description  Low Dropout Regulator with Delayed Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2925 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM2925 Datasheet HTML 1Page - National Semiconductor (TI) LM2925 Datasheet HTML 2Page - National Semiconductor (TI) LM2925 Datasheet HTML 3Page - National Semiconductor (TI) LM2925 Datasheet HTML 4Page - National Semiconductor (TI) LM2925 Datasheet HTML 5Page - National Semiconductor (TI) LM2925 Datasheet HTML 6Page - National Semiconductor (TI) LM2925 Datasheet HTML 7Page - National Semiconductor (TI) LM2925 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Hints (Continued)
Capacitors must also be rated at all ambient temperatures
expected in the system. Many aluminum type electrolytics
will freeze at temperatures less than −30˚C, reducing their
effective capacitance to zero. To maintain regulator stability
down to −40˚C, capacitors rated at that temperature (such as
tantalums) must be used.
RESET OUTPUT
The range of values for the delay capacitor is limited only by
stray capacitances on the lower extreme and capacitance
leakage on the other. Thus, delay times from microseconds
to seconds are possible. The low charging current, typically
2.0 microamps, allows the use of small, inexpensive disc ca-
pacitors for the nominal range of 100 to 500 milliseconds.
This is the time required in many microprocessor systems for
the clock oscillator to stabilize when initially powered up. The
RESET output of the regulator will thus prevent erroneous
data and/or timing functions to occur during this part of op-
eration. The same delay is incorporated after any other fault
condition in the regulator output is corrected.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com