Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411AD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411AD Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP411AD Datasheet HTML 19Page - Texas Instruments TMP411AD Datasheet HTML 20Page - Texas Instruments TMP411AD Datasheet HTML 21Page - Texas Instruments TMP411AD Datasheet HTML 22Page - Texas Instruments TMP411AD Datasheet HTML 23Page - Texas Instruments TMP411AD Datasheet HTML 24Page - Texas Instruments TMP411AD Datasheet HTML 25Page - Texas Instruments TMP411AD Datasheet HTML 26Page - Texas Instruments TMP411AD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
23
LAYOUT CONSIDERATIONS
Remote temperature sensing on the TMP411 measures
very small voltages using very low currents; therefore,
noise at the IC inputs must be minimized. Most
applications using the TMP411 will have high digital
content, with several clocks and logic level transitions
creating a noisy environment. Layout should adhere to the
following guidelines:
1.
Place the TMP411 as close to the remote junction
sensor as possible.
2.
Route the D+ and D− traces next to each other and
shield them from adjacent signals through the use of
ground guard traces, as shown in Figure 19. If a
multilayer PCB is used, bury these traces between
ground or VDD planes to shield them from extrinsic
noise sources. 5 mil PCB traces are recommended.
3.
Minimize additional thermocouple junctions caused
by copper-to-solder connections. If these junctions
are used, make the same number and approximate
locations of copper-to-solder connections in both the
D+ and D− connections to cancel any thermocouple
effects.
4.
Use a 0.1
µF local bypass capacitor directly between
the V+ and GND of the TMP411, as shown in
Figure 20. Minimize filter capacitance between D+
and D− to 1000pF or less for optimum measurement
performance. This capacitance includes any cable
capacitance between the remote temperature sensor
and TMP411.
5.
If the connection between the remote temperature
sensor and the TMP411 is less than 8 inches, use a
twisted-wire pair connection. Beyond 8 inches, use a
twisted, shielded pair with the shield grounded as
close to the TMP411 as possible. Leave the remote
sensor connection end of the shield wire open to avoid
ground loops and 60Hz pickup.
GND(1)
D+(1)
D
−(1)
GND(1)
NOTE: (1) 5 mil traces with 5 mil spacing.
Ground or V+ layer
on bottom and/or
top, if possible.
Figure 19. Example Signal Traces
1
2
3
4
8
7
6
5
TMP411
0.1
µF Capacitor
PCB Via
PCB Via
V+
GND
Figure 20. Suggested Bypass Capacitor
Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com