Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411AD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411AD Datasheet(HTML) 5 Page - Texas Instruments

  TMP411AD Datasheet HTML 1Page - Texas Instruments TMP411AD Datasheet HTML 2Page - Texas Instruments TMP411AD Datasheet HTML 3Page - Texas Instruments TMP411AD Datasheet HTML 4Page - Texas Instruments TMP411AD Datasheet HTML 5Page - Texas Instruments TMP411AD Datasheet HTML 6Page - Texas Instruments TMP411AD Datasheet HTML 7Page - Texas Instruments TMP411AD Datasheet HTML 8Page - Texas Instruments TMP411AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VS = 5.0V, unless otherwise noted.
25
20
15
10
5
0
−5
−10
−15
−20
−25
TEMPERATURE ERROR
vs POWER−SUPPLY NOISE FREQUENCY
Frequency (MHz)
05
10
15
Local 100mV
PP Noise
Remote 100mV
PP Noise
Local 250mV
PP Noise
Remote 250mV
PP Noise
Figure 7.
Figure 8.
500
450
400
350
300
250
200
150
100
50
0
QUIESCENT CURRENT
vs CONVERSION RATE
Conversion Rate (conversions/sec)
0.0625
0.125
0.25
0.5
1
2
4
8
V
S =2.7V
V
S =5.5V
500
450
400
350
300
250
200
150
100
50
0
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
SCL CLock Frequency (Hz)
1k
10k
100k
1M
10M
V
S =3.3V
V
S =5.5V
Figure 9.
SHUTDOWN QUIESCENT CURRENT
vs SUPPLY VOLTAGE
V
S (V)
8
7
6
5
4
3
2
1
0
4.5
3.0
3.5
4.0
5.5
5.0
2.5
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com