Electronic Components Datasheet Search
  English  ▼

X  

TMP411AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411AD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411AD Datasheet(HTML) 1 Page - Texas Instruments

  TMP411AD Datasheet HTML 1Page - Texas Instruments TMP411AD Datasheet HTML 2Page - Texas Instruments TMP411AD Datasheet HTML 3Page - Texas Instruments TMP411AD Datasheet HTML 4Page - Texas Instruments TMP411AD Datasheet HTML 5Page - Texas Instruments TMP411AD Datasheet HTML 6Page - Texas Instruments TMP411AD Datasheet HTML 7Page - Texas Instruments TMP411AD Datasheet HTML 8Page - Texas Instruments TMP411AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FEATURES
D ±1°C REMOTE DIODE SENSOR
D ±1°C LOCAL TEMPERATURE SENSOR
D PROGRAMMABLE NON-IDEALITY FACTOR
D SERIES RESISTANCE CANCELLATION
D ALERT FUNCTION
D PROGRAMMABLE RESOLUTION: 9 to 12 Bits
D PROGRAMMABLE THRESHOLD LIMITS
D TWO-WIRE/SMBusSERIAL INTERFACE
D MINIMUM AND MAXIMUM TEMPERATURE
MONITORS
D MULTIPLE INTERFACE ADDRESSES
D ALERT/THERM2 PIN CONFIGURATION
D DIODE FAULT DETECTION
APPLICATIONS
D LCD/DLP/LCOS PROJECTORS
D SERVERS
D INDUSTRIAL CONTROLLERS
D CENTRAL OFFICE TELECOM EQUIPMENT
D DESKTOP AND NOTEBOOK COMPUTERS
D STORAGE AREA NETWORKS (SAN)
D INDUSTRIAL AND MEDICAL
EQUIPMENT
D PROCESSOR/FPGA
TEMPERATURE MONITORING
DESCRIPTION
The TMP411 is a remote temperature sensor monitor with
a
built-in
local
temperature
sensor.
The
remote
temperature sensor diode-connected transistors are
typically low-cost, NPN- or PNP-type transistors or diodes
that
are
an
integral
part
of
microcontrollers,
microprocessors, or FPGAs.
Remote accuracy is
±1°C for multiple IC manufacturers,
with no calibration needed. The Two-Wire serial interface
accepts SMBus write byte, read byte, send byte, and
receive byte commands to program the alarm thresholds
and to read temperature data.
Features that are included in the TMP411 are: series
resistance cancellation, programmable non-ideality factor,
programmable resolution, programmable threshold limits,
minimum and maximum temperature monitors, wide
remote temperature measurement range (up to +150
°C),
diode fault detection, and temperature alert function.
The TMP411 is available in both MSOP-8 and SO-8
packages.
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
±1°C Remote and Local TEMPERATURE SENSOR
with N-Factor and Series Resistance Correction
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
DLP is a registered trademark of Texas Instruments. SMBus is a trademark of Intel Corp.
All other trademarks are the property of their respective owners.
Device ID Register
Manufacturer ID Register
THERM Hysteresis Register
Consecutive Alert
Configuration Register
TR
TL
Status Register
Conversion Rate
Register
N−Factor
Correction
One−Shot
Register
D+
1
5
7
8
2
3
Bus Interface
Pointer Register
Resolution Register
Configuration Register
Local Temp Low Limit
Local THERM Limit
Local Temp High Limit
Remote Temp Low Limit
Remote THERM Limit
Remote Temp High Limit
Remote
Temperature
Register
Local
Temperature
Register
Temperature
Comparators
Interrupt
Configuration
SCL
GND
THERM
4
6
ALERT/THERM2
V+
V+
SDA
D
−
TMP411
Remote Temperature Min/Max Register
Local Temperature Min/Max Register


Similar Part No. - TMP411AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411AD TI-TMP411AD Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411AD TI2-TMP411AD Datasheet
912Kb / 48P
TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED DECEMBER 2016
TMP411AD TI2-TMP411AD Datasheet
2Mb / 61P
TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
REVISED JULY 2025
TMP411ADG4 TI-TMP411ADG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411ADGKR BURR-BROWN-TMP411ADGKR Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411AD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com