Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
P
S
P
S
VIH
VIL
SCL
VIH
VIL
SDA
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
tVD;DAT
7
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The maximum tHD;DAT can be 0.9 μs for Fast-Mode, and is less than the maximum tVD;DAT by a transition time.
(2)
tVDDATA = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
7.6 Timing Requirements
at –40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted); values are based on statistical analysis of samples
tested during initial release
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
2.56
MHz
t(BUF)
Bus free time between STOP and START condition
1300
160
ns
t(HD;STA)
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
t(SU;STA)
Repeated START condition setup time
600
160
ns
t(SU;STO)
STOP condition setup time
600
160
ns
t(HD;DAT)
Data hold time
25
See (1)
5
90
ns
t(VD.DAT)
Data valid time (data response time)(2)
900
Not applicable
ns
t(SU;DAT)
Data setup time
100
10
ns
t(LOW)
SCL clock LOW period
1300
250
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tF – SDA
Data fall time
300
150
ns
tF – SCL
Clock fall time
300
40
ns
tR
Clock, data rise time
1000
ns
Serial bus timeout
25
35
25
35
ms
Figure 1. Two-Wire Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com