Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments TMP421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Resolution is 0.0625°C/count. All possible values are shown.
Both local and remote temperature data use two bytes for data storage. The high byte stores the temperature
with 1°C resolution. The second or low byte stores the decimal fraction value of the temperature and allows a
higher measurement resolution, as shown in Table 2. The measurement resolution for the both the local and
remote channels is 0.0625°C, and is not adjustable.
Table 2. Decimal Fraction Temperature Data Format (Local and Remote Temperature Low Bytes)
TEMPERATURE
(°C)
TEMPERATURE REGISTER LOW BYTE VALUE
(0.0625°C RESOLUTION)(1)
STANDARD AND EXTENDED BINARY
HEX
0
0000 0000
00
0.0625
0001 0000
10
0.1250
0010 0000
20
0.1875
0011 0000
30
0.2500
0100 0000
40
0.3125
0101 0000
50
0.3750
0110 0000
60
0.4375
0111 0000
70
0.5000
1000 0000
80
0.5625
1001 0000
90
0.6250
1010 0000
A0
0.6875
1011 0000
B0
0.7500
1100 0000
C0
0.8125
1101 0000
D0
0.8750
1110 0000
E0
0.9385
1111 0000
F0
8.3.2 Remote Sensing
The TMP421-Q1, TMP422-Q1, and TMP423-Q1 are designed to be used with either discrete transistors or
substrate transistors built into processor chips and ASICs. Either NPN or PNP transistors can be used, as long
as the base-emitter junction is used as the remote temperature sense. NPN transistors must be diode-
connected. PNP transistors can either be transistor- or diode-connected (see Figure 20, Figure 21, and
Figure 22).
8.3.3 Series Resistance Cancellation
Series resistance in an application circuit that typically results from printed circuit board (PCB) trace resistance
and remote line length is automatically cancelled by the TMP421-Q1, TMP422-Q1, and TMP423-Q1, preventing
what would otherwise result in a temperature offset. A total of up to 3 k
Ω of series line resistance is cancelled by
the TMP421-Q1, TMP422-Q1, and TMP423-Q1, eliminating the need for additional characterization and
temperature offset correction. See the two Remote Temperature Error vs Series Resistance typical characteristic
curves (Figure 5 and Figure 6) for details on the effects of series resistance and power-supply voltage on sensed
remote temperature error.
8.3.4 Differential Input Capacitance
The TMP421-Q1, TMP422-Q1, and TMP423-Q1 tolerate differential input capacitance of up to 1000 pF with
minimal change in temperature error. The effect of capacitance on sensed remote temperature error is illustrated
in Figure 7, Remote Temperature Error vs Differential Capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com