Electronic Components Datasheet Search
  English  ▼

X  

TMP421 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421
Description  Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421 Datasheet(HTML) 1 Page - Texas Instruments

  TMP421 Datasheet HTML 1Page - Texas Instruments TMP421 Datasheet HTML 2Page - Texas Instruments TMP421 Datasheet HTML 3Page - Texas Instruments TMP421 Datasheet HTML 4Page - Texas Instruments TMP421 Datasheet HTML 5Page - Texas Instruments TMP421 Datasheet HTML 6Page - Texas Instruments TMP421 Datasheet HTML 7Page - Texas Instruments TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
5 V
SCL
GND
SDA
V+
SMBus
Controller
8
5
7
6
TMP421-Q1
DXP
DXN
A1
A0
1
2
3
4
1 Channel Local
1 Channel Remote
TMP422-Q1
DX1
DX2
DX3
DX4
1
2
3
4
1 Channel Local
2 Channels Remote
TMP423-Q1
DXP1
DXP2
DXP3
DXN
1
2
3
4
1 Channel Local
3 Channels Remote
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
1
1 Features
1
•
AEC-Q100 Qualified with the Following Results
–
Temperature Grade 1: –40°C to +125°C
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C5
•
SOT23-8 Package
•
±1°C Remote Diode Sensor (Maximum)
•
±1.5°C Local Temperature Sensor (Maximum)
•
Series Resistance Cancellation
•
n-Factor Correction
•
Two-Wire I2C or SMBus™ Compatible Serial
Interface
•
Multiple Interface Addresses
•
Diode Fault Detection
•
RoHS Compliant and No Sb/Br
2 Applications
•
Processor and FPGA Temperature Monitoring
•
LCD, DLP, and LCOS Projectors
•
Servers
•
Central Office Telecom Equipment
•
Storage Area Networks (SAN)
3 Description
The TMP421-Q1, TMP422-Q1, and TMP423-Q1
devices
are
single,
dual,
and
triple
remote,
automotive-qualified
temperature
sensor
monitors
with a built-in local temperature sensor. The remote
temperature sensor diode-connected transistors are
typically low-cost, NPN- or PNP-type transistors or
diodes that are an integral part of microcontrollers,
microprocessors, or field-programmable gate arrays
(FPGAs).
Remote
accuracy
is
±1°C
for
multiple
device
manufacturers, with no calibration needed. The two-
wire serial interface accepts SMBus write byte, read
byte, send byte, and receive byte commands to
configure the device.
The TMP421-Q1, TMP422-Q1, and TMP423-Q1
include series resistance cancellation, programmable
non-ideality factor, wide remote temperature
measurement range (up to +150°C), and diode fault
detection.
The TMP421-Q1, TMP422-Q1, and TMP423-Q1 are
all available in an 8-pin SOT-23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP421-Q1
TMP422-Q1
TMP423-Q1
SOT-23 (8)
2.90 mm × 1.63 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Diode Input Configurations for the TMP421-Q1, TMP422-Q1, and TMP423-Q1


Similar Part No. - TMP421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI2-TMP421 Datasheet
719Kb / 36P
±1°C Remote and Local TEMPERATURE SENSOR
REVISED MAY 2012
TMP421 TI2-TMP421 Datasheet
732Kb / 38P
TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
NOVEMBER 2016
More results

Similar Description - TMP421

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com