Electronic Components Datasheet Search
  English  ▼

X  

STM8AL3LE8x Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM8AL3LE8x
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3LE8x Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM8AL3LE8x Datasheet HTML 89Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 90Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 91Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 92Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 93Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 94Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 95Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 96Page - STMicroelectronics STM8AL3LE8x Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 133 page
background image
DocID027180 Rev 5
93/133
STM8AL31E8x STM8AL3LE8x
Electrical parameters
119
Table 41. I/O static characteristics
Symbol
Parameter
Conditions(1)
Min.
Typ.
Max.
Unit
VIL
Input low-level voltage
Input voltage on all
pins
Vss-0.3
-
0.3 x VDD
V
VIH
Input high-level voltage
Input voltage on true
open-drain pins (PC0
and PC1)
with VDD < 2 V
0.70 x VDD
-
5.2(2)
V
Input voltage on true
open-drain pins (PC0
and PC1)
with VDD ≥ 2 V
-
5.5(2)
Input voltage on five-
volt tolerant (FT) pins
with VDD < 2 V
-
5.2(2)
Input voltage on five-
volt tolerant (FT) pins
with VDD ≥ 2 V
-
5.5(2)
Input voltage on any
other pin
-
VDD+0.3(2)
Vhys
Schmitt trigger voltage hysteresis (3)
Standard I/Os
-
200
-
mV
True open drain I/Os
-
200
-
Ilkg
Input leakage current (4)
VSSVINVDD
Standard I/Os
--
50
nA
VSSVINVDD
True open drain I/Os
-
-
200
VSSVINVDD
PA0 with high sink LED
driver capability
-
-
200
RPU
Weak pull-up equivalent resistor(5)
VIN=VSS
30(6)
45
60(6)
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
2. If VIH maximum is not respected, the injection current must be limited externally to IINJ(PIN) maximum.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The max. value may be exceeded if negative current is injected on adjacent pins.
5. RPU pull-up equivalent resistor based on a resistive transistor (corresponding IPU current characteristics described in
Figure 28).
6. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com