Electronic Components Datasheet Search
  English  ▼

X  

UM2101 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 6Page - STMicroelectronics UM2101 Datasheet HTML 7Page - STMicroelectronics UM2101 Datasheet HTML 8Page - STMicroelectronics UM2101 Datasheet HTML 9Page - STMicroelectronics UM2101 Datasheet HTML 10Page - STMicroelectronics UM2101 Datasheet HTML 11Page - STMicroelectronics UM2101 Datasheet HTML 12Page - STMicroelectronics UM2101 Datasheet HTML 13Page - STMicroelectronics UM2101 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
STEVAL-STLCS01V1 hardware description
UM2101
10/33
DocID029635 Rev 1
Table 2: STEVAL-STLCS01V1 pinout
Board
pin
CONN
pin
Pin name
MCU pin
Main functions(1)
1
2
MIC_CLK
PC2
DFSDM1_CKOUT, ADC
2
4
VDD_OUT
VDD/VBAT
1.8V from onboard LDO
3
6
VIN
/
Power supply for LDO [2V-5.5V]
4
8
VDDUSB
VDDIO2
VDDUSB
Power supply for USB peripheral and
VDDIO2 [1.8V-3.3V]
5
10
GND
VSS
Ground
6
12
RXD/USB_DP
PD2/PA12
USART5 RX or USB_OTG_FS DP(2)
7
14
TXD/USB_DM
PC12/PA11
USART5 TX or USB_OTG_FS DM 1
8
16
SAI_CLK
PG9(3)
SAI2_SCK_A, SPI3_SCK
9
15
SAI_FS
PG10(3)
SAI2_FS_A, SPI3_MISO
10
13
SAI_MCLK
PG11(3)
SAI2_MCLK_A, SPI3_MOSI
11
11
SAI_SD
PG12(3)
SAI2_SD_A, SPI3_NSS
12
9
GPIO2
PB8/PB9/PC1
DFSDM_DATIN6, I2C3_SDA
13
7
GPIO3
PC0
DFSDM_DATIN4, I2C3_SCL
14
5
NRST
NRST
STM32 Reset
15
3
SWD_CLK
SWD Programming interface clock
16
1
SWD_IO
SWD Programming interface IO
17
/
GND
Ground
18
/
GND
Ground
Notes:
(1)Refer to STM32L476 Datasheet on www.st.com for the complete set of functions of each pin
(2)USB_OTG_FS Peripheral is functional for VDDUSB ≥ 3V
(3)Logic level of this pins is referred to VDDIO2
2.1
Power supply
The SensorTile board has the following input supply pins:
1.
VIN is the input for the onboard voltage regulator generating 1.8 V (150 mA max).
2.
VDDUSB is an input for the STM32L4 VDDUSB and VDDIO2 pins (to use the
STM32L4 USB OTG peripheral, VDDUSB must be ≥ 3 V)
VDD is an output for 1.8 V.
If the USB peripheral and other 3.3 V signals are not needed for a particular application,
you can connect VDD to VDDUSB so that one power supply can power the whole system.
This connection can be done externally (e.g., SB8 on STLCX01V1) or by soldering a 0
Ω
resistor on R2 (bottom layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com