Electronic Components Datasheet Search
  English  ▼

X  

UM2101 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 18Page - STMicroelectronics UM2101 Datasheet HTML 19Page - STMicroelectronics UM2101 Datasheet HTML 20Page - STMicroelectronics UM2101 Datasheet HTML 21Page - STMicroelectronics UM2101 Datasheet HTML 22Page - STMicroelectronics UM2101 Datasheet HTML 23Page - STMicroelectronics UM2101 Datasheet HTML 24Page - STMicroelectronics UM2101 Datasheet HTML 25Page - STMicroelectronics UM2101 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Board schematic and bill of materials
UM2101
22/33
DocID029635 Rev 1
7
Board schematic and bill of materials
This section contains the bill of materials and schematics.
7.1
Bill of materials
Table 6: STEVAL-STLCS01V1 bill of materials
Item
Q.ty
Ref
Value
Notes
Part number
Manufacturer
1
1
U1
ARM Cortex-M4
32b MCU
Microcontroller
STM32L476JGY6T
R
ST
2
1
U2
150 mA, 1.8 V
low quiescent
current low noise
LDO
LD39115J18R
ST
3
1
U9
Ultra-low Power
Acc + Magn
LSM303AGRTR
ST
4
1
U10
Low-Power
Accelerometer +
Gyroscope
LSM6DSMTR
ST
5
1
U6
Bluetooth Low-
Energy Chip V4.1 -
MS
BlueNRG-MSCSP
ST
6
1
U13
Low-Power
Pressure sensor
LPS22HBTR
ST
7
1
U11
MEMS audio
sensor digital
microphone
MP34DT04
ST
8
1
U4
Bluetooth Low-
Energy Balun Chip
BALF-NRG-01D3
ST
9
1
X2
CRYSTAL 32MHZ
8PF SMD
CX2016DB32000D
0FLJCC
AVX
10
1
X1
32.7680kHz,
20ppm, 4pF,
60kΩ
Crystal
ABS06-107-
32.768KHZ-T
Abracon
11
2
C2, C20
4pF 25V
CAP CER NP0
0201
CBR02C409B3GA
C
Kemet
12
2
C12, C17
15pF 25V
CAP 0201 NP0
02013A150JAT2A
AVX
13
1
FT1
10pF 25V
CAP CER NP0
0201
250R05L100GV4T
Johanson
Technology
14
1
R2
0 Ω
Resistor SMD
R0402
Any
15
1
FT2
16
1
MT
0.40pF 25V
CAP CER NP0
0201
250R05L0R4AV4T
Johanson
Technology
17
2
C32, C34
2.2µF 6.3V
CAP CERAMIC
X5R, 0201
02016D225MAT2A
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com