Electronic Components Datasheet Search
  English  ▼

X  

UM2101 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 24Page - STMicroelectronics UM2101 Datasheet HTML 25Page - STMicroelectronics UM2101 Datasheet HTML 26Page - STMicroelectronics UM2101 Datasheet HTML 27Page - STMicroelectronics UM2101 Datasheet HTML 28Page - STMicroelectronics UM2101 Datasheet HTML 29Page - STMicroelectronics UM2101 Datasheet HTML 30Page - STMicroelectronics UM2101 Datasheet HTML 31Page - STMicroelectronics UM2101 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Board schematic and bill of materials
UM2101
28/33
DocID029635 Rev 1
Figure 16: STLCX01V1 schematic diagram
15
7
OUT
SensorTile
SAI_FS
18
2
5V
12
13
SWDIO
TILE_RESET
1
SensorTile Connector
USB, SWD, Power
RXD-USB_DP
SWDCLK
SB8
CN2
BM10B(0.8)-16DP-0.4V(51)
3
1
C15
4.7μF
6
3V3
14
3V3
2
6
MIC_CLK
G3
VDDUSB
13
GPIO2
D1
1
GPIO3
SAI_MCLK
V_USB
G2
4
8
10
V_USB
VIN
RXD-USB_DP
GPIO2
J2
11
3
VIN
3
SB9
16
SAI_MCLK
Max 200mA
SAI_SCK
4
4
C16
4.7μF
2
TXD-USB_DM
5
3
EN
SensorTile Footprint
3
7
V_USB
VDD
ADJ
11
4
12
SWDCLK
SWDIO
TXD-USB_DM
G1
9
D3
TXD-USB_DM
3
VIN
16
5
8
14
GPIO3
D4
TILE_RESET
D2
VDD
4
IN
VDDUSB
1
USB-MICRO
1
5
MIC_CLK
17
5
VDDUSB
C1
100nF
SAI_SD
2
1
1
1
1
Fixing holes
On the corners
Hole: 2.2mm
Head: 4mm
STM32 Nucleo
R2
147K
10
RXD-USB_DP
VBUS
5
SAI_SCK
VDD
1
RESET
C14
100nF
TILE_RESET
2
15
R1
47K
9
1
G4
VIN
SAI_FS
6
SAI_SD
GND
2
SAI_SCK
3
6
3
I2C_SCL
3V3
2
CN9
SB18
6
UART_TX
SB19
7
GPIO2_3V3
2
CN5
R5
4K7
SPI_CS
7
SB15
1
SB14
SB12
4
UART_RX
6
SB16
TILE_RESET
SAI_MCLK
5
3
4
6
5
GPIO3_3V3
SAI_FS
SPI_SCK
8
2
8
CN6
3
1
8
3V3_Nucleo
5
GPIO2
1
I2C_SDA
GPIO3
SB1
2
SPI_MOSI
5
4
R6
4K7
SPI_MISO
3V3
CN8
5V
SB17
10
SAI_SD
1
4
9
MIC_CLK_3V3
7
SB13
SWDCLK
3
4
TILE_RESET
5
SWD
1
VDD
SWDIO
2
SB10
4
2
C10
100nF
L6
UART_RX
6
GPIO3
SB20
SB23
L3
RXD-USB_DP
8
19
13
CC7
16
L5
TXD-USB_DM
CC3
14
CC1
U5
ST2378ETTR
UART_TX
L7
MIC_CLK_3V3
3
CC2
TXD-USB_DM
L1
17
CC4
MIC_CLK
5
18
VDD
CC5
15
CC6
7
SB22
GPIO3_3V3
SB11
GPIO2_3V3
CC8
9
VDD
C13
100nF
L8
RXD-USB_DP
L2
GPIO2
12
SB21
L4
3V3
U4 LDK120M-R
ADR
1
3
SAI_FS
SAI_MCLK
SB5
R40R
3V3
SB4
11
P
13
MODE
5
J1
PHONOJACK STEREO
H_L
3V3
14
2
1
PAD
C4 47μF
4
LRCK
C11
4.7μF
SB2
PGND
GPIO3
DIN
SB6
3
4
SB7
C5
100nF
SAI_SCK
12
2
GPIO2
R30R
+
15
C9 4.7μF
SDA
C12
4.7μF
SAI_SD
3V3
H_R
SB3
SCL
C8 4.7μF
VPA
5
C6 47μF
U3 PCM1774RGP
U1 USBLC6-2P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com