Electronic Components Datasheet Search
  English  ▼

X  

IR35201 Datasheet(PDF) 36 Page - International Rectifier

Part # IR35201
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201 Datasheet(HTML) 36 Page - International Rectifier

Back Button IR35201 Datasheet HTML 32Page - International Rectifier IR35201 Datasheet HTML 33Page - International Rectifier IR35201 Datasheet HTML 34Page - International Rectifier IR35201 Datasheet HTML 35Page - International Rectifier IR35201 Datasheet HTML 36Page - International Rectifier IR35201 Datasheet HTML 37Page - International Rectifier IR35201 Datasheet HTML 38Page - International Rectifier IR35201 Datasheet HTML 39Page - International Rectifier IR35201 Datasheet HTML 40Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
36
The controller does not shutdown the circuitry for
lowest power consumption.
PS4 wake up can be set to wake on any SVID clock
or alternatively on any SVID Set_VID or SetPS0/1/2/3
command.
PS4 REGISTER SUPPORT
IR35201 controller supports SVID register “PS4 Exit
Latency” (2B). This register holds the encoded value for PS4
exit latency calculated as
( )=16∗2
Where x =bits[3:0], y = bits[7:4]
FAULTS & PROTECTION
The comprehensive fault coverage of the IR35201
protects the VR against a variety of fault conditions.
Faults can be configured and monitored through the
IR PowIRCenter GUI. There are two types of fault
monitoring registers. In addition to real-time fault
registers, there are “sticky” fault registers that can only
be cleared with an I2C command or 3.3V power cycle.
These will indicate if any fault has occurred since the
last power cycle, even if the fault has cleared itself
and the VR has resumed normal operation.Table 27
lists the available faults.
TABLE 27: STICKY & NON-STICKY FAULTS
Register Type
Faults
Sticky
OTP, OCP, OVP, UVP,
VIN UVLO, 3.3V UVLO,
phase-fault, slow-OCP
Non-Sticky
Output Over-voltage Protection (OVP)
If the output voltage exceeds a user-programmable
threshold (Table 32) above the VID set-point, the
IR35201 detects an output over-voltage fault and
latches ON the low-side MOSFETS to limit the output
voltage rise.
TABLE 28: OVP ACTION
OVP Action
Low-side MOSFET latched on
Low-side MOSFET on until
Output<0.248V
Per Table 28 above, the low-side MOSFETs may be
configured to either latch ON indefinitely (Figure 40) or
stay ON until the output voltage falls below the
release threshold (Figure 41), in case of an over-
voltage condition. This release mode reduces the
undershoot of the output voltage during recovery from
an OVP condition. If the output voltage rises above
the OVP threshold during recovery, the low side
MOSFET’s will again be turned on until Vout drops
below the release threshold level. Note that OVP is
disabled during a DVID-down event to prevent false
triggering.
During soft-start, OVP is triggered at a user-selectable
level from one of the thresholds listed in Table 29
below.
TABLE 29: OVP THRESHOLDS DURING START-UP
Value
Threshold
0
2.5V
1
1.2V
2
1.275V
3
1.35V
The IR35201 also provides the option to allow OVP to
remain active when the device is disabled, in order to
prevent system leakage from causing over-voltage on
the output (Table 30).
Note: OVP functionality is only available when both
the controller and drivers or power stages have Vcc
power.
TABLE 30: OVP OPTIONS
OVP_when-disabled setting
When active
On
IC disabled & IC enabled
Off
IC enabled
Figure 40: OVP - MOSFET latched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com