Electronic Components Datasheet Search
  English  ▼

X  

IR35201 Datasheet(PDF) 12 Page - International Rectifier

Part # IR35201
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR35201 Datasheet HTML 8Page - International Rectifier IR35201 Datasheet HTML 9Page - International Rectifier IR35201 Datasheet HTML 10Page - International Rectifier IR35201 Datasheet HTML 11Page - International Rectifier IR35201 Datasheet HTML 12Page - International Rectifier IR35201 Datasheet HTML 13Page - International Rectifier IR35201 Datasheet HTML 14Page - International Rectifier IR35201 Datasheet HTML 15Page - International Rectifier IR35201 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
12
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Loop2 Iin Resolution Reporting-PMBUS
1
-
31.25
-
mA
Loop1 Iin Resolution Reporting-I2C
1
-
0.125
-
A
Loop2 Iin Resolution Reporting-I2C
1
-
0.0625
-
A
P_in Resolution Reporting-PMBUS
1
-
0.5
-
W
P_out Resolution Reporting-PMBUS
1
-
0.5
-
W
Temperature Range Reporting1
IR3555 mode
0
-
158
°C
Temperature Accuracy Reporting1
IR3555 mode
3.5
-
3.5
%
Temperature Range Reporting
1
0
-
134
°C
Temperature Accuracy Reporting
1
At 100°C, with ideal NTC
-4
-
4
%
Temperature Resolution Reporting
1
-
1
-
°C
Fault Protection
OVP Threshold During Start-up
(until output reaches 1V)
Selectable
-
1.2, 1.275,
1.35, 2.5
-
V
OVP Operating Threshold
1 (programmable)
Relative to VID
-
50 to 400
-
mV
OVP Filter Delay
1
-
160
-
ns
Output UVP Threshold
1 (programmable)
Relative to VID
-
50 to 400
-
mV
Fast OCP Range (per phase)
1
-
0 to 62
-
A
Fast OCP Filter Bandwidth
1
-
60
-
kHz
Slow OCP Filter Bandwidth
1
Selectable
-
0.69, 1.39,
2.78, 5.55,
11.1, 22.2,
44.6, 89.5
-
Hz
OCP System Accuracy
1
System excluding DCR/sense
resistor
-
±2
-
%
PIN_ALERT# Bandwidth
2000
Hz
VR_HOT Range
1
-
64 to 127
-
°C
OTP Range
1, 2
OTP Range (added to
VR_HOT level)
-
0 to 31
-
°C
Dynamic Phase Control
Current Filter Bandwidth
1
For Phase drop
-
4
-
kHz
Timing Information
Automatic Configuration from MTP
1
t3-t2
3.3V ready to end of
configuration
-
0.4
ms
Automatic Trim Time
1
t4-t3
-
2
ms
EN Delay (to ramp start)
1
-
3
-
µs
VID Delay (to ramp start)
1
Loop bandwidth dependent
-
5
-
µs
VRDY Delay
1
After reaching Boot voltage
-
20
-
µs
Notes:
1 Guaranteed by design.
2 OTP max setting with NTC TEMP SENSE is 134°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com