Electronic Components Datasheet Search
  English  ▼

X  

IR35201 Datasheet(PDF) 39 Page - International Rectifier

Part # IR35201
Description  80/71/62 Dual Output Digital Multi-Phase Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35201 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR35201 Datasheet HTML 35Page - International Rectifier IR35201 Datasheet HTML 36Page - International Rectifier IR35201 Datasheet HTML 37Page - International Rectifier IR35201 Datasheet HTML 38Page - International Rectifier IR35201 Datasheet HTML 39Page - International Rectifier IR35201 Datasheet HTML 40Page - International Rectifier IR35201 Datasheet HTML 41Page - International Rectifier IR35201 Datasheet HTML 42Page - International Rectifier IR35201 Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
8+0/7+1/6+2 Dual Output Digital Multi-Phase Controller
IR35201
www.irf.com | © 2016 International Rectifier
February 8, 2015 | V1.6
39
I_CRITICAL has a 5% hysteresis level and the
VR_HOT_ICRIT pin will de-assert when the average
output current level drops below 95% of the programmed
current level threshold.
Input Over-voltage Protection
The IR35201 offers protection against input supply over-
voltage. When enabled (Table 39), the VINSEN pin is
compared to a fixed threshold of 14.5V with a 14:1
divider, and shuts down the IC if the threshold is
exceeded.
TABLE 39: INPUT OVER-VOLTAGE OPTIONS
disabled
enabled
Phase Faults
The IR35201 can detect and declare a phase fault when
the current in one or more phases is too high or too low.
It detects the fault when the duty cycle of a particular
phase is 5% higher or lower than the average duty cycle
of all the phases. This feature helps detect severe
imbalances in the phase currents, an unpowered or
damaged MOSFET driver, or a phase that is
disconnected from Vin. The phase fault feature can be
enabled or disabled through an MTP bit. When a phase
fault occurs, the controller shuts down the loop where the
fault occurred, and sets register bits to display which
phase had the fault and whether it faulted high or low.
The phase fault registers are cleared via a register bit
and the VR will restart once ENABLE or Vcc is cycled.
TABLE 40: PHASE CURRENT FAULT REGISTERS
Register
Function
pi_fault_en
Enables phase current fault
shutdown.
clear_phase_faults
Clears all phase faults for each loop.
pi_fault
Indicates which phase has a phase
current fault. 0 – phase1, 1 – phase2,
2 – phase3, 3 – phase4…7-phase 8
max_cond
Indicates one or more phase currents
are too high.
min_cond
Indicates one or more phase currents
are too low.
I2C/PMBUS COMMUNICATION
The IR35201 simultaneously supports I2C and PMBus
through the use of exclusive addressing. This means that
a motherboard PMBus master may communicate with as
many as 127 IR35201-based VRs. Optionally, a resistor
offset can be enabled as shown in Table 41
(note that a 0.01µF capacitor is required across the
resistor per Figure 44), with the offsets shown in
Table 42.
As an example, setting a base 7-bit I2C address of 28h
with a resistor offset of +15 sets the 7-bit I2C address to
37h. Similarly setting a base 7-bit PMBus address of 40h
with a resistor offset of +15 sets the 7-bit PMBus address
to 4Fh.
The IR35201 can also set the I2C address indepen-
dently from the PMBus address. By using a 7-bit address
the user can configure the device to any one of 127
different I2C addresses.
Once the address of the IR35201 is set, it is locked to
protect it from being overridden.
For default programmed devices, the I2C/PMBus
address can be temporarily forced to address 0Ah for
I2C and 0Dh for PMBus by setting EN=VR_HOT=low.
TABLE 41: I2C OFFSET OPTIONS
Enable_I2C
Addr_Offset MTP bit
I2C Address Offset
0
disabled
1
enabled
TABLE 42: ADDR RESISTOR OFFSET
ADDR Resistor
I2C Address
Offset
0.845kΩ
+0
1.30kΩ
+1
1.78kΩ
+2
2.32kΩ
+3
2.87kΩ
+4
3.48kΩ
+5
4.12kΩ
+6
4.75kΩ
+7
5.49kΩ
+8
6.19kΩ
+9
6.98kΩ
+10
7.87kΩ
+11
8.87kΩ
+12
10.00kΩ
+13
11.00kΩ
+14
12.10kΩ
+15
Note: Extends the range of PMBus addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com