Electronic Components Datasheet Search
  English  ▼

X  

SST25WF020 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST25WF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020 Datasheet(HTML) 5 Page - Microchip Technology

  SST25WF020 Datasheet HTML 1Page - Microchip Technology SST25WF020 Datasheet HTML 2Page - Microchip Technology SST25WF020 Datasheet HTML 3Page - Microchip Technology SST25WF020 Datasheet HTML 4Page - Microchip Technology SST25WF020 Datasheet HTML 5Page - Microchip Technology SST25WF020 Datasheet HTML 6Page - Microchip Technology SST25WF020 Datasheet HTML 7Page - Microchip Technology SST25WF020 Datasheet HTML 8Page - Microchip Technology SST25WF020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
5
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Memory Organization
The SST25WF512/010/020/040 SuperFlash memory arrays are organized in uniform 4 KByte with 16
KByte, 32 KByte, and 64 KByte (2 Mbit and 4 Mbit Only) overlay erasable blocks.
Device Operation
The SST25WF512/010/020/040 are accessed through the SPI (Serial Peripheral Interface) bus com-
patible protocol. The SPI bus consist of four control lines; Chip Enable (CE#) is used to select the
device, and data is accessed through the Serial Data Input (SI), Serial Data Output (SO), and Serial
Clock (SCK).
The SST25WF512/010/020/040 support both Mode 0 (0,0) and Mode 3 (1,1) of SPI bus operations.
The difference between the two modes, as shown in Figure 3, is the state of the SCK signal when the
bus master is in Stand-by mode and no data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the Serial Data In (SI) is sampled at the rising
edge of the SCK clock signal and the Serial Data Output (SO) is driven after the falling edge of the
SCK clock signal.
Figure 3: SPI Protocol
1328 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com