Electronic Components Datasheet Search
  English  ▼

X  

SST25WF020 Datasheet(PDF) 7 Page - Microchip Technology

Part # SST25WF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST25WF020 Datasheet HTML 3Page - Microchip Technology SST25WF020 Datasheet HTML 4Page - Microchip Technology SST25WF020 Datasheet HTML 5Page - Microchip Technology SST25WF020 Datasheet HTML 6Page - Microchip Technology SST25WF020 Datasheet HTML 7Page - Microchip Technology SST25WF020 Datasheet HTML 8Page - Microchip Technology SST25WF020 Datasheet HTML 9Page - Microchip Technology SST25WF020 Datasheet HTML 10Page - Microchip Technology SST25WF020 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
7
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
Hold
The Hold operation enables the hold pin functionality of the RST#/HOLD# pin. Once set to hold pin
mode, the RST#/HOLD# pin continues functioning as a hold pin until the device is powered off and
then powered on. After a power-off and power-on, the pin functionality returns to a reset pin (RST#)
mode. See “Enable-Hold (EHLD)” on page 22 for detailed timing of the Hold instruction.
In the hold mode, serial sequences underway with the SPI Flash memory are paused without resetting
the clocking sequence. To activate the HOLD# mode, CE# must be in active low state. The HOLD#
mode begins when the SCK active low state coincides with the falling edge of the HOLD# signal. The
Hold mode ends when the rising edge of the HOLD# signal coincides with the SCK active low state. If
the falling edge of the HOLD# signal does not coincide with the SCK active low state, then the device
enters Hold mode when the SCK next reaches the active low state. Similarly, if the rising edge of the
HOLD# signal does not coincide with the SCK active low state, then the device exits Hold mode when
the SCK next reaches the active low state. See Figure 5 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, the device returns to standby mode. The device
can then be re-initiated with the command sequences listed in Tables 9 and 10. As long as HOLD# sig-
nal is low, the memory remains in the Hold condition. To resume communication with the device,
HOLD# must be driven active high, and CE# must be driven active low. See Figure 5 for Hold timing.
Figure 5: Hold Condition Waveform
Write Protection
SST25WF512/010/020/040 provide software Write protection. The Write Protect pin (WP#) enables or
disables the lock-down function of the status register. The Block-Protection bits (BP2, BP1, BP0, and
BPL) in the status register provide Write protection to the memory array and the status register. See
Table 5 for the Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down function of the BPL bit (bit 7) in the status register.
When WP# is driven low, the execution of the Write-Status-Register (WRSR) instruction is determined by
the value of the BPL bit (see Table 3). When WP# is high, the lock-down function of the BPL bit is disabled.
Table 3: Conditions to execute Write-Status-Register (WRSR) Instruction
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L
0
Allowed
H
X
Allowed
T3.0 20005016
Active
Hold
Active
Hold
Active
1328 Fx5.0
SCK
HOLD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com