Electronic Components Datasheet Search
  English  ▼

X  

SST25WF020 Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25WF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25WF020 Datasheet HTML 12Page - Microchip Technology SST25WF020 Datasheet HTML 13Page - Microchip Technology SST25WF020 Datasheet HTML 14Page - Microchip Technology SST25WF020 Datasheet HTML 15Page - Microchip Technology SST25WF020 Datasheet HTML 16Page - Microchip Technology SST25WF020 Datasheet HTML 17Page - Microchip Technology SST25WF020 Datasheet HTML 18Page - Microchip Technology SST25WF020 Datasheet HTML 19Page - Microchip Technology SST25WF020 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005016C
11/14
16
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
EOL Data Sheet
There is no wrap mode during AAI programming; once the highest unprotected memory address is
reached, the device will exit AAI operation and reset the Write-Enable-Latch bit (WEL = 0) and the AAI
bit (AAI = 0).
End-of-Write Detection
There are three methods to determine completion of a program cycle during AAI Word programming:
hardware detection by reading the Serial Output, software detection by polling the BUSY bit in the Soft-
ware Status Register or wait TBP.
Hardware End-of-Write Detection
The Hardware End-of-Write detection method eliminates the overhead of polling the Busy bit in the
Software Status Register during an AAI Word program operation. The 8-bit command, 70H, configures
the Serial Output (SO) pin to indicate Flash Busy status during AAI Word programming, as shown in
Figure 9. The 8-bit command, 70H, must be executed prior to executing an AAI Word-Program instruc-
tion. Once an internal programming operation begins, asserting CE# will immediately drive the status
of the internal flash status on the SO pin. A ‘0’ indicates the device is busy and a ‘1’ indicates the
device is ready for the next instruction. De-asserting CE# will return the SO pin to tri-state.
The 8-bit command, 80H, disables the Serial Output (SO) pin to output busy status during AAI-Word-
program operation, and re-configures SO as an output pin. In this state, the SO pin will function as a
normal Serial Output pin. At this time, the RDSR command can poll the status of the Software Status
Register. This is shown in Figure 10.
Figure 9: Enable SO as Hardware RY/BY# during AAI Programming
Figure 10:Disable SO as Hardware RY/BY# during AAI Programming
CE#
SO
SI
SCK
01 2 3 4 5 6 7
70
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F09.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
80
HIGH IMPEDANCE
MODE 0
MODE 3
1328 F10.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com