Electronic Components Datasheet Search
  English  ▼

X  

HV9922 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9922 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9922 Datasheet HTML 3Page - Microchip Technology HV9922 Datasheet HTML 4Page - Microchip Technology HV9922 Datasheet HTML 5Page - Microchip Technology HV9922 Datasheet HTML 6Page - Microchip Technology HV9922 Datasheet HTML 7Page - Microchip Technology HV9922 Datasheet HTML 8Page - Microchip Technology HV9922 Datasheet HTML 9Page - Microchip Technology HV9922 Datasheet HTML 10Page - Microchip Technology HV9922 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 7
HV9921/HV9922/HV9923
Coil capacitance of inductors is typically provided in the
manufacturer’s data books either directly or in terms of
the self-resonant frequency (SRF).
where L is the inductance value, and CL is the coil
capacitance.) Charging and discharging this capaci-
tance every switching cycle causes high-current spikes
in the LED string. Therefore, connecting a small capac-
itor CO (~10nF) is recommended to bypass these
spikes.
Using an ultra-fast rectifier diode for D1 is recom-
mended to achieve high efficiency and reduce the risk
of false triggering of the current sense comparator.
Using diodes with shorter reverse recovery time, trr,
and lower junction capacitance, CJ, achieves better
performance. The reverse voltage rating, VR, of the
diode must be greater than the maximum input voltage
of the LED lamp.
The total parasitic capacitance present at the DRAIN
pin of the HV9921/22/23 can be calculated as:
When the switching MOSFET turns on, the capaci-
tance CP is discharged into the DRAIN pin of the IC.
The discharge current is limited to about 150mA typi-
cally. However, it may become lower at increased junc-
tion temperature. The duration of the leading edge
current spike can be estimated as:
In order to avoid false triggering of the current sense
comparator, CP must be minimized in accordance with
the following expression:
where TBLANK(MIN) is the minimum blanking time of
200ns, and VIN(MAX) is the maximum instantaneous
input voltage.
4.2
Estimating Power Loss
Discharging the parasitic capacitance CP into the
DRAIN pin of the HV9921/22/23 is responsible for the
bulk of the switching power loss. It can be estimated
using the following equation:
where FS is the switching frequency, ISAT is the satu-
rated DRAIN current of the HV9921/22/23. The switch-
ing loss is the greatest at the maximum input voltage.
The switching frequency is given by the following equa-
tion.
When the HV9921/22/23 LED driver is powered from
the full-wave rectified AC input, the switching power
loss can be estimated as:
VAC is the input AC line voltage.
The switching power loss associated with turn-off tran-
sitions of the DRAIN pin can be disregarded. Due to the
large amount of parasitic capacitance connected to this
switching node, the turn-off transition occurs essen-
tially at zero-voltage.
Conduction power loss in the HV9921/22/23 can be
calculated as:
where D = VO/VIN is the duty ratio, RON is the on-resis-
tance, IDD is the internal linear regulator current.
When the LED driver is powered from the full-wave rec-
tified AC line input, the exact equation for calculating
the conduction loss is more cumbersome. However, it
can be estimated using the following equation:
where VAC is the input AC line voltage. The coefficients
KC and Kd can be determined from the minimum duty
ratio of the HV9921/22/23.
SRF
1
2
LCL



=
CP CDRAIN CPCB CL CJ
++
+
=
TSPIKE
VIN CP
ISAT
-------------------- trr
+
=
CP
ISAT TBLANK MIN
 trr
–

VIN MAX

---------------------------------------------------------
PSWITCH
VIN
2C
P
2
------------------ VIN I
SAT
trr
+

 F
S
=
FS
VIN VO
–
VIN TOFF
-------------------------
=
PSWITCH
1
2TOFF
-------------------- VAC CP 2ISAT trr
+
 V
AC
VO
–

PCOND DIO
2
RON IDD VIN 1D
–

+
=
PCOND KC IO
2
RON Kd IDD VAC
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com