Electronic Components Datasheet Search
  English  ▼

X  

HV9922 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9922 Datasheet(HTML) 1 Page - Microchip Technology

  HV9922 Datasheet HTML 1Page - Microchip Technology HV9922 Datasheet HTML 2Page - Microchip Technology HV9922 Datasheet HTML 3Page - Microchip Technology HV9922 Datasheet HTML 4Page - Microchip Technology HV9922 Datasheet HTML 5Page - Microchip Technology HV9922 Datasheet HTML 6Page - Microchip Technology HV9922 Datasheet HTML 7Page - Microchip Technology HV9922 Datasheet HTML 8Page - Microchip Technology HV9922 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 1
HV9921/HV9922/HV9923
Features
• Constant output current:
- HV9921 – 20mA
- HV9922 – 50mA
- HV9923 – 30mA
• Universal 85 - 264VAC operation
• Fixed off-time buck converter
• Internal 475V power MOSFET
Applications
• Decorative lighting
• Low power lighting fixtures
Description
HV9921/HV9922/HV9923 are pulse-width modulated
(PWM), high-efficiency, LED driver control ICs. They
allow efficient operation of LED strings from voltage
sources ranging up to 400VDC. HV9921/22/23 include
an internal high voltage switching MOSFET controlled
with fixed off-time (TOFF) of approximately 10μs. The
LED string is driven at constant current, thus providing
constant light output and enhanced reliability. The out-
put current is internally fixed at 20mA for HV9921,
50mA for HV992, and 30mA for HV9923. The peak cur-
rent control scheme provides good regulation of the
output current throughout the universal AC line voltage
range of 85 to 264VAC or DC input voltage of 20 to
400V.
3-Pin Switch-Mode LED Lamp Driver ICs


Similar Part No. - HV9922

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9922 SUTEX-HV9922 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
HV9922 SUTEX-HV9922 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
HV9922N3 SUTEX-HV9922N3 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
HV9922N3-G SUTEX-HV9922N3-G Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
HV9922N8 SUTEX-HV9922N8 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
More results

Similar Description - HV9922

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
FC9921 FS-FC9921 Datasheet
758Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com