Electronic Components Datasheet Search
  English  ▼

X  

HV9922 Datasheet(PDF) 17 Page - Microchip Technology

Part # HV9922
Description  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9922 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HV9922 Datasheet HTML 11Page - Microchip Technology HV9922 Datasheet HTML 12Page - Microchip Technology HV9922 Datasheet HTML 13Page - Microchip Technology HV9922 Datasheet HTML 14Page - Microchip Technology HV9922 Datasheet HTML 15Page - Microchip Technology HV9922 Datasheet HTML 16Page - Microchip Technology HV9922 Datasheet HTML 17Page - Microchip Technology HV9922 Datasheet HTML 18Page - Microchip Technology HV9922 Datasheet HTML 19Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 17
HV9921/HV9922/HV9923
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
HV9921 = 3-Pin Switch-Mode LED Lamp Driver IC,
20 mA output current
HV9922 = 3-Pin Switch-Mode LED Lamp Driver IC,
50 mA output current
HV9923 = 3-Pin Switch-Mode LED Lamp Driver IC,
30 mA output current
Package:
N3
= TO-92
N8
= TO-243AA (SOT-89)
Environmental
G
= Lead (Pb)-free/ROHS-compliant package
Reel:
(nothing) = 1000/bag for N3 package, 2000/reel for N8
package
Examples:
a)
HV9921N3-G:
20 mA output current,
TO-92 package, 1000/
bag
b)
HV9923N8-G:
30 mA output current,
TO-243AA(SOT-89)
package, 2000/reel
PART NO.
Device
X
Environmental
XX
Package
Options
-
X
Reel
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com