Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-MS Datasheet(PDF) 9 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 5Page - STMicroelectronics BLUENRG-MS Datasheet HTML 6Page - STMicroelectronics BLUENRG-MS Datasheet HTML 7Page - STMicroelectronics BLUENRG-MS Datasheet HTML 8Page - STMicroelectronics BLUENRG-MS Datasheet HTML 9Page - STMicroelectronics BLUENRG-MS Datasheet HTML 10Page - STMicroelectronics BLUENRG-MS Datasheet HTML 11Page - STMicroelectronics BLUENRG-MS Datasheet HTML 12Page - STMicroelectronics BLUENRG-MS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
BlueNRG-MS
Pin description
Figure 4: BlueNRG-MS pinout bottom view (WLCSP34)
Table 2: Pinout description
Pins
Name
I/O
Description
QFN32
WLCSP
1
E2
SPI_MOSI
I
SPI_MOSI
2
E1
SPI_CLK
I
SPI_CLK
3
D2
SPI_IRQ
O
SPI_IRQ
4
D1
TEST1
I/O
Test pin
5
C1
VBAT3
VDD
1.7-3.6 battery voltage input
6
C2
TEST2
I/O
Test pin connected to GND
7
B1
TEST3
I/O
Test pin connected to GND
8
B2
TEST4
I/O
Test pin connected to GND
9
A1
TEST5
I/O
Test pin connected to GND
10
B3
TEST6
I/O
Test pin connected to GND
11
A2
TEST7
I/O
Test pin connected to GND
12
A3
VDD1V8
O
1.8 V digital core
13
A4
TEST8
I/O
Test pin not connected
14
A5
TEST9
I/O
Test pin not connected
15
B4
TEST11
I/O
Test pin not connected (QFN32)
Test pin connected to GND (WLCSP)
16
B5
TEST12
I/O
Test pin not connected (QFN32)
Test pin connected to GND (WLCSP)
17
A6
FXTAL1
I
16/32 MHz crystal
18
B6
FXTAL0
I
16/32 MHz crystal
19
-
VBAT2
VDD
1.8-3.6 battery voltage input
20
C6
RF1
I/O
Antenna + matching circuit
21
D6
RF0
I/O
Antenna + matching circuit
22
E6
SXTAL1
I
32 kHz crystal
23
E5
SXTAL0
I
32 kHz crystal
24
D5
VBAT1
VDD
1.7-3.6 battery voltage input
25
E4
RESETN
I
Reset
26
F6
SMPSFILT1
O
SMPS output
DocID027103 Rev 6
9/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com