Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-MS Datasheet(PDF) 10 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BLUENRG-MS Datasheet HTML 6Page - STMicroelectronics BLUENRG-MS Datasheet HTML 7Page - STMicroelectronics BLUENRG-MS Datasheet HTML 8Page - STMicroelectronics BLUENRG-MS Datasheet HTML 9Page - STMicroelectronics BLUENRG-MS Datasheet HTML 10Page - STMicroelectronics BLUENRG-MS Datasheet HTML 11Page - STMicroelectronics BLUENRG-MS Datasheet HTML 12Page - STMicroelectronics BLUENRG-MS Datasheet HTML 13Page - STMicroelectronics BLUENRG-MS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Pin description
BlueNRG-MS
Pins
Name
I/O
Description
QFN32
WLCSP
27
-
NO_SMPS
I
Power management strategy selection
28
F5
SMPSFILT2
I/O
SMPS input/output
29
F3
VDD1V2
O
1.2 V digital core
30
E3
TEST10
I/O
TEST pin connected to GND
31
F2
SPI_CS
I
SPI_CS
32
F1
SPI_MISO
O
SPI_MISO
-
C3
GND
GND
Ground
-
D3
GND
GND
Ground
-
D4
GND
GND
Ground
-
F4
SMPS-GND
GND
SMPS ground
10/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com