Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-MS Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-MS
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-MS Datasheet HTML 1Page - STMicroelectronics BLUENRG-MS Datasheet HTML 2Page - STMicroelectronics BLUENRG-MS Datasheet HTML 3Page - STMicroelectronics BLUENRG-MS Datasheet HTML 4Page - STMicroelectronics BLUENRG-MS Datasheet HTML 5Page - STMicroelectronics BLUENRG-MS Datasheet HTML 6Page - STMicroelectronics BLUENRG-MS Datasheet HTML 7Page - STMicroelectronics BLUENRG-MS Datasheet HTML 8Page - STMicroelectronics BLUENRG-MS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
BlueNRG-MS
Upgradable Bluetooth® Low Energy network processor
Datasheet - production data
Features
•
Bluetooth specification v4.1 compliant
master and slave single-mode Bluetooth low
energy network processor
•
Embedded Bluetooth low energy protocol
stack: GAP, GATT, SM, L2CAP, LL, RF-
PHY
•
Bluetooth low energy profiles provided
separately
•
Operating supply voltage: from 1.7 to 3.6 V
•
8.2 mA maximum TX current (@0 dBm, 3.0
V)
•
Down to 1.7 µA current consumption with
active BLE stack
•
Integrated linear regulator and DC-DC step-
down converter
•
Up to +8 dBm available output power (at
antenna connector)
•
Excellent RF link budget (up to 96 dB)
•
Accurate RSSI to allow power control
•
Proprietary application controller interface
(ACI), SPI based, allows interfacing with an
external host application microcontroller
•
Full link controller and host security
•
High performance, ultra-low power Cortex-
M0 32-bit based architecture core
•
Upgradable BLE stack (stored in embedded
Flash memory, via SPI)
•
AES security co-processor
•
Low power modes
•
16 or 32 MHz crystal oscillator
•
12 MHz ring oscillator
•
32 kHz crystal oscillator
•
32 kHz ring oscillator
•
Battery voltage monitor
•
Compliant with the following radio frequency
regulations: ETSI EN 300 328, EN 300 440,
FCC CFR47 Part 15, ARIB STD-T66
•
Available in QFN32 (5 x 5 mm) and
WLCSP34 (2.66 x 2.56 mm) packages
•
Operating temperature range:
-40 °C to 85 °C
Applications
•
Watches
•
Fitness, wellness and sports
•
Consumer medical
•
Security/proximity
•
Remote control
•
Home and industrial automation
•
Assisted living
•
Mobile phone peripherals
•
PC peripherals
Table 1: Device summary
Order code
Package
Packing
BLUENRG-MSQTR
QFN32
(5 x 5 mm)
Tape and
reel
BLUENRG-MSCSP
WLCSP34
(2.66 x 2.56 mm)
Tape and
reel
February 2016
DocID027103 Rev 6
1/42
www.st.com


Similar Part No. - BLUENRG-MS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
BLUENRG-MS, STMICROELECTRONICS-BLUENRG-MS, Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - BLUENRG-MS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
Bluetooth low energy controller
22-Apr-2013
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
Bluetooth Low Energy
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
Bluetooth Low Energy transmitter
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
Bluetooth Low Energy Module
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
Bluetooth Low Energy modul
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
Bluetooth Low Energy Module
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com