Electronic Components Datasheet Search
  English  ▼

X  

TLE7233EM Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE7233EM Datasheet HTML 25Page - Infineon Technologies AG TLE7233EM Datasheet HTML 26Page - Infineon Technologies AG TLE7233EM Datasheet HTML 27Page - Infineon Technologies AG TLE7233EM Datasheet HTML 28Page - Infineon Technologies AG TLE7233EM Datasheet HTML 29Page - Infineon Technologies AG TLE7233EM Datasheet HTML 30Page - Infineon Technologies AG TLE7233EM Datasheet HTML 31Page - Infineon Technologies AG TLE7233EM Datasheet HTML 32Page - Infineon Technologies AG TLE7233EM Datasheet HTML 33Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Revision History
Data Sheet
32
Rev. 1.2, 2014-05-09
12
Revision History
Version
Date
Changes
Rev. 1.2
2014-05-09
Page 7,
V
DDA , description added
Page 10, 4.2.3 IDD(ON) max. limit changed from 0.5 mA to 100 µA
Page 10, 4.2.4 IDDA(ON) max. limit changed from 5 mA to 3 mA
Page 14, 6.1 cross references to Figure 4 and Figure 5 changed
Page 17, 6.4.2 IDD(ON) max. limit changed from 0.5 mA to 100 µA
Page 17, 6.4.3
I
DD(idle) max. limit changed from 40 µA to 20 µA at TJ =150 °C
Page 17, 6.4.4
I
DD(sleep) max. limit changed from 5 µA to 1 µA at TJ =25 °C
Page 17, 6.4.4
I
DD(sleep) max. limit changed from 5 µA to 2 µA at TJ =85 °C
Page 17, 6.4.4
I
DD(sleep) max. limit changed from 20 µA to 5 µA at TJ =150 °C
Page 17, 6.4.7
I
DDA(ON) max. limit changed from 5 mA to 3 mA
Page 17, 6.4.8
I
DDA(idle) max. limit changed from 25 µA to 50 µA at TJ =85 °C
Page 17, 6.4.8
I
DDA(idle) max. limit changed from 25 µA to 100 µA at TJ =150 °C
Page 17, 6.4.9 IDDA(sleep) max. limit changed from 5 µA to 1 µA at TJ =25 °C
Page 17, 6.4.9 IDDA(sleep) max. limit changed from 5 µA to 3 µA at TJ =85 °C
Page 17, 6.4.9 IDDA(sleep) max. limit changed from 20 µA to 5 µA at TJ =150 °C
Page 18, 6.4.14 VDS(CL) max. limit changed from 52 V to 54 V and footnote 3)
removed
Page 18, 6.4.15 VIN(L) max. limit changed from 0.9 V to 0.7 V
Page 18, 6.4.16 VIN(H) min. limit changed from 2.2 V to 2.0 V
Page 18, 6.4.25
t
ON min. limit added
Page 18, 6.4.26
t
OFF min. limit added
Figure 9 “Open Load timing” on Page 21 updated
Page 22, 8.2.2 ID(PD), min. limit added
Figure 14 “Timing Diagram” on Page 27 updated
Rev. 1.1
2012-03-27
Figure 2 LHI pin added
4.3 RthJSP changed to RthJC
4.3 JEDEC JESD51-2,-3 changed to JEDEC JESD51-2,-7
6.4 IDD(sleep) changed to IDDA(sleep)
6.4 IL changed to ID
Rev. 1.0
2012-02-29
Datasheet released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com