Electronic Components Datasheet Search
  English  ▼

X  

TLE7233EM Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7233EM
Description  SPI Driver for Enhanced Relay Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233EM Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7233EM Datasheet HTML 1Page - Infineon Technologies AG TLE7233EM Datasheet HTML 2Page - Infineon Technologies AG TLE7233EM Datasheet HTML 3Page - Infineon Technologies AG TLE7233EM Datasheet HTML 4Page - Infineon Technologies AG TLE7233EM Datasheet HTML 5Page - Infineon Technologies AG TLE7233EM Datasheet HTML 6Page - Infineon Technologies AG TLE7233EM Datasheet HTML 7Page - Infineon Technologies AG TLE7233EM Datasheet HTML 8Page - Infineon Technologies AG TLE7233EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233EM
Overview
Data Sheet
4
Rev. 1.2, 2014-05-09
Protection Functions
•
Short circuit
•
Over load
•
Over temperature
•
Electrostatic discharge (ESD)
Application
•
All types of resistive, inductive and capacitive loads
•
Especially designed for driving relays in automotive applications
Description
The TLE7233EM is a four channel low-side relay switch (1
Ω per channel) in PG-SSOP-24-4 package providing
embedded protective functions. It is especially designed as a relay driver for automotive applications. The 8 bit
serial peripheral interface (SPI) is provided for control and diagnostics of the device and the loads. The SPI
interface provides daisy-chain capability.
The TLE7233EM is equipped with four input pins that can be individually routed to the output control of their
corresponding channel and therefore offer complete flexibility in design and PCB layout. The input multiplexer is
controlled via SPI.
A limp home pin (LHI) provides a simple use of the input pins; this enables a direct connection between the input
pins and their corresponding outputs. The limp home function works also with
V
DDA only in order to ensure
functionality even without the digital supply.
The device provides many diagnostics of the load enabling both open load and short circuit detection. The SPI
diagnostic bits indicate any eventual latched fault condition.
Each output stage is protected against short circuit. In case of over load, the affected channel switches off.
Temperature sensors are available for each channel in order to protect the device against over temperature.
The power transistors are made of N-channel vertical power MOSFETs. The inputs are CMOS compatible and are
referenced to Ground. The device is monolithically integrated in Smart Power Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com