Electronic Components Datasheet Search
  English  ▼

X  

AS8F128K32 Datasheet(PDF) 4 Page - Micross Components

Part # AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Datasheet(HTML) 4 Page - Micross Components

  AS8F128K32 Datasheet HTML 1Page - Micross Components AS8F128K32 Datasheet HTML 2Page - Micross Components AS8F128K32 Datasheet HTML 3Page - Micross Components AS8F128K32 Datasheet HTML 4Page - Micross Components AS8F128K32 Datasheet HTML 5Page - Micross Components AS8F128K32 Datasheet HTML 6Page - Micross Components AS8F128K32 Datasheet HTML 7Page - Micross Components AS8F128K32 Datasheet HTML 8Page - Micross Components AS8F128K32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
4
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits on I/
O31–I/O0. Standard read cycle timings and I
CC
read specifica-
tions apply. Refer to “Write Operation Status” for more informa-
tion, and to each AC Characteristics section in the appropriate
data sheet for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it
can place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the OE\ input.
The device enters the CMOS standby mode when the CEx\
pin is held at V
CC
± 0.5 V. (Note that this is a more restricted
voltage range than V
IH
.) The device enters the TTL standby
mode when CEx\ is held at V
IH
. The device requires the stan-
dard access time (t
CE
) before it is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is completed.
I
CC3
in the DC Characteristics tables represents the standby
current specification.
Output Disable Mode
When the OE\ input is at V
IH
, output from the device is
disabled. The output pins are placed in the high impedance
state.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on I/O31–I/O0. This mode is primarily
intended for programming equipment to automatically match a
device to be programmed with its corresponding programming
algorithm. However, the autoselect codes can also be accessed
in-system through the command register.
When using programming equipment, the autoselect mode
requires V
ID
(11.5 V to 12.5 V) on address pin A9. Address pins
A6, A1, and A0 must be as shown in Autoselect Codes (High
Voltage Method) table. In addition, when verifying sector
protection, the sector address must appear on the appropriate
highest order address bits. Refer to the corresponding Sector
Address Tables. The Command Definitions table shows the
remaining address bits that are don’t care. When all necessary
bits have been set as required, the programming equipment may
then read the corresponding identifier code on I/O31–
I/
O0.
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command register,
as shown in the Command Definitions table. This method does
not require V
ID
. See “Command Definitions” for details on
using the autoselect mode.
TABLE 2: Sector Addresses Table (Each Byte)
SECTOR
A16
A15
A14
ADDRESS RANGE
SA0
0
0
0
00000h - 03FFFh
SA1
0
0
1
04000h - 07FFFh
SA2
0
1
0
08000h - 0BFFFh
SA3
0
1
1
0C000h - 0FFFFh
SA4
1
0
0
10000h - 13FFFh
SA5
1
0
1
14000h - 17FFFh
SA6
1
1
0
18000h - 1BFFFh
SA7
1
1
1
1C000h - 1FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com